Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 5 Page - STMicroelectronics

  STWLC68JRF Datasheet HTML 1Page - STMicroelectronics STWLC68JRF Datasheet HTML 2Page - STMicroelectronics STWLC68JRF Datasheet HTML 3Page - STMicroelectronics STWLC68JRF Datasheet HTML 4Page - STMicroelectronics STWLC68JRF Datasheet HTML 5Page - STMicroelectronics STWLC68JRF Datasheet HTML 6Page - STMicroelectronics STWLC68JRF Datasheet HTML 7Page - STMicroelectronics STWLC68JRF Datasheet HTML 8Page - STMicroelectronics STWLC68JRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Pin name
Pin location
Pin function
CLAMP1
C8
Auxiliary modulation switches connection: capacitors between CLAMP1 and AC1 and
between CLAMP2 and AC2 are used to implement additional ASK modulation. These
pins are optionally used, in conjunction with COMM1 and COMM2 pins, to modify the
ASK modulation index in specific operating conditions.
CLAMP2
C7
VRECT
A4, A5, B4,
B5, C3
Synchronous rectifier output and input for the main LDO linear regulator. A suitable
capacitor between these pins and VSSP ensures residual AC ripple filtering and
energy storage for proper load transient response.
VS
F1
Reserved: this pin must be left floating.
DFT
G1
Reserved: this pin must be connected to ground.
BOOT_SEL
J5
Reserved: this pin must be connected to ground.
NTC
F8
Coil temperature sensing input: this pin is connected to the center tap of a resistor
divider having an NTC in the low-side position. If this function is not used, the pin
must be pulled-up to V18 through a 10 kΩ resistor to prevent triggering the coil
over-temperature protection.
COMM1
D8
Modulation switches connection: capacitors between COMM1 and AC1 pin and
between COMM2 and AC2 pin are used to implement ASK modulation.
COMM2
D7
VOUT
D2, E1, E2,
E3, F2
Main LDO linear regulator output voltage. Connect a suitable filtering capacitor
between these pins and VSSA to ensure stable operation and proper load transient
response in all operating conditions.
V1V8
G5, G8
1.8V LDO output and supply rail for the digital core, the ADC and the analog circuitry.
Connect a 1 μF filtering capacitor between this pin and ground.
V5V0
F7, E6
5V LDO output and supply rail for the auxiliary circuitry. Connect a 1 μF filtering
capacitor between this pin and ground.
RSTB
J6
Chip-reset input. If set low, the internal digital core is reset. This pin is eventually used
by the host controller to control the power transfer process. Connect to V1V8 pin if not
used.
IEXT
C2
Internal pull-down switch for resisitive (dissipative) over-voltage protection: a resistor
with adequate power dissipation capability must be connected between this pin and
VRECT to damp excessive voltage developing at the output of the rectifier.
VGATE
D1
Gate driver output for the optional VRECT discharging transistor. This pin goes high
when the voltage drop across the main LDO (VVRECT – VVOUT) exceeds the
programmed threshold.
SCL
H8
I2C bus, clock line input. A pull-up resistor to the supply rail of the host controller is
required to ensure correct digital levels.
SDA
J8
I2C bus, data line I/O. A pull-up resistor to the supply rail of the host controller is
required to ensure correct digital levels.
NC
C6, D6
Reserved: this pin must be connected to ground or left floating.
GPIO0
H2
Programmable general-purpose I/Os: the function of these pins depends on the
configuration of the device.
GPIO1
H1
GPIO2
J4
GPIO3
J3
GPIO4
J2
GPIO5
J1
INTB
J7
Interrupt output (active low). Programmable open-drain output used to generate an
interrupt on specific events for the host controller. Also used as auxiliary control signal
during OTP flash.
STWLC68
Device pinout
DS13131 - Rev 3
page 5/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com