Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 7Page - STMicroelectronics STWLC68JRF Datasheet HTML 8Page - STMicroelectronics STWLC68JRF Datasheet HTML 9Page - STMicroelectronics STWLC68JRF Datasheet HTML 10Page - STMicroelectronics STWLC68JRF Datasheet HTML 11Page - STMicroelectronics STWLC68JRF Datasheet HTML 12Page - STMicroelectronics STWLC68JRF Datasheet HTML 13Page - STMicroelectronics STWLC68JRF Datasheet HTML 14Page - STMicroelectronics STWLC68JRF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5.5
Protections
Over-voltage protection
The STWLC68 integrates different Over-Voltage Protection circuits to protect itself, the load connected to its
output rail and the external components from damage due to overheating and/or exceeding AMR condition.
Under normal operating conditions the voltage at the output of the synchronous rectifier is slightly higher than the
output one thanks to the communication with the transmitter. A sudden change in the coupling factor between
transmitting and receiving coils, for example due to abrupt reciprocal repositioning of the coils, easily leads to
unpredicatable voltage peaks at the AC input terminals: the TX-RX regulation loop is not fast enough to prevent
such an event and additional precautions must be taken.
Both the VRECT and VOUT outputs are constantly monitored. The VRECT rail has three concurrent OVP
mechanism: two fixed, analog ones based on a HW comparator (OVPH and Fixed-OVPS) and a digital ones (Adj-
OVPS), implemented in the FW and relying on the ADC readings (OVPS). In case the VVRECT > VVRECT,OVPH
condition occurs, the protection circuit immediately shorts both AC1 and AC2 pins to ground. This clamping action
is released as soon as the voltage at the V5V0 pin falls down below its power-good level (4V typ.). Normally (it
actually depends on the output load) the transmitter reacts to this protection by cutting-off the power transfer.
Both OVPS (Fixed and Adjustable) protections activate a different mechanism compared to OVPH: the IEXT
pin goes low and an external resistor starts drawing current from VRECT (see block diagram). The digital OVP
protection (Adj-OVPS) has an adjustable threshold and can be taylored for the application. In most of cases both
soft OVP protections do not interrupt the ongoing power transfer, but a significant energy could be dissipated in
the external resistor and a careful design is required. Optionally, the STWLC68 can be programmed to issue an
End-of-Power-Transfer (EPT) packet to the transmitter on any OVP event.
Over-temperature protection
The STWLC68 is equipped with three over-temperature detection circuits based on different sources:
1) Synchronous rectifier temperature sensor
2) Main linear regulator temperature sensor
3) Coil (external NTC) temperature sensor
The signals coming from the two internal temperature sensors and the NTC pin (analog input) are conditioned
and routed to the multi-channel ADC. The temperature of both the rectifier and the linear regulator can be directly
read via dedicated registers. The external sensor, typically placed very close to the coil to prevent over-heating,
is often a low-sided NTC of a resistor divider whose center tap is connected to the NTC pin, while the high-side
resistor is connected to the V1V8 pin.
Reading the temperature of the external sensor requires some calculation from the host, since it depends on the
NTC characterisitcs (beta, nominal value), the high-side resistor and the input range of the NTC pin (0 V - 1.5 V).
The internal sensors are also monitored and compared to a fixed 125°C threshold (10°C hysteresis) to trigger a
HOVP event (AC1 and AC2 shorted to ground).
In addition, the STWLC68 allows the user to define for each source a threshold with associated set of actions.
The selectable actions are any combination of:
EPT packet generation
Output disconnection
INT pin status change
For example, a chip over-temperature alert could be sent to the host system by setting two temperature
thresholds (e.g. 100°C for the rectifier and 90°C for the linear regulator) and linking the INT pin to the related
interrupts.
Over-current protection
As mentioned in the description of the main linear regulator, the current through the pass transitor is sensed and
limited to a fixed 1.5 A threshold. An internal interrupt is generated in such a case and specific actions could
be linked to it. In any case, a severe over-load condition quikly leads to an output voltage drop: if VOUT drops
below a fixed 1.25 V threshold (e.g. in case of output short-circuit), the linear regulator is disabled an an interrupt
is generated. A programmable threshold allows the user to define an early over-load alert interrupt and a set of
associated actions.
STWLC68
Protections
DS13131 - Rev 3
page 11/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com