Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 22 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 18Page - STMicroelectronics STWLC68JRF Datasheet HTML 19Page - STMicroelectronics STWLC68JRF Datasheet HTML 20Page - STMicroelectronics STWLC68JRF Datasheet HTML 21Page - STMicroelectronics STWLC68JRF Datasheet HTML 22Page - STMicroelectronics STWLC68JRF Datasheet HTML 23Page - STMicroelectronics STWLC68JRF Datasheet HTML 24Page - STMicroelectronics STWLC68JRF Datasheet HTML 25Page - STMicroelectronics STWLC68JRF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
6
Application information
This chapter is aimed to provide some application hints. The reference schematic, the PCB layout guidelines, the
minimum components to properly run the application and other aspects.
6.1
Reference schematic
Figure 14 shows the typical application schematic for the STWLC68. The values reported in Table 7 and Table 8
refer to typical Wireless Power Receiver applications capable of an output power of 2.5 W and 5W respectively.
Figure 14. STWLC68 basic schematic diagram
Table 7. Typical components list for a 2.5 W application
Componen
t
Value
Manufacturer
Part Number
Notes
L1
11.8 µH
Wurth
760308101219
Receiving coil (Ls)
C1, C2, C3
47nF/50V
Murata
GRM155R71H473KE14D
Series resonant capacitor (Cs)
C4
100nF/50V
Murata
GCM155R71H104KE02D
Series resonant capacitor (Cs)
C5
1.8nF/50V
Murata
GRM155R71H182JA01D
Detection capacitor (Cd)
C8, C11
47nF/50V
Murata
GRM155R71H473KE14D
Rectifier bootstrap capacitors
C12
4n7/50V
Murata
GCM155R71H472KA37D
Main LR bootstrap capacitor
C6, C9
22nF/50V
Murata
GRM155R71H223KA12D
ASK modulation capacitors
C7, C10
47nF/50V
Murata
GRM155R71H473KE14D
Auxiliary ASK modulation capacitors
STWLC68
Application information
DS13131 - Rev 3
page 22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com