Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 19 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 15Page - STMicroelectronics STWLC68JRF Datasheet HTML 16Page - STMicroelectronics STWLC68JRF Datasheet HTML 17Page - STMicroelectronics STWLC68JRF Datasheet HTML 18Page - STMicroelectronics STWLC68JRF Datasheet HTML 19Page - STMicroelectronics STWLC68JRF Datasheet HTML 20Page - STMicroelectronics STWLC68JRF Datasheet HTML 21Page - STMicroelectronics STWLC68JRF Datasheet HTML 22Page - STMicroelectronics STWLC68JRF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Register
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x004B
VDROP_V2
Linear regulator target drop-out voltage, setpoint 2
0x004C
VDROP_V3
Linear regulator target drop-out voltage, setpoint 3
0x004D
VDROP_C1
Linear regulator target drop-out voltage, current threshold 1
0x004E
VDROP_C2
Linear regulator target drop-out voltage, current threshold 2
0x004F
VDROP_C3
Linear regulator target drop-out voltage, current threshold 3
0x0050
MSG_TX
Message packet content to be sent to transmitter via ASK modulation (see DIR_CMG register)
0x0051
0x0052
0x0053
0x0054
0x0055
0x0056
0x0057
0x0058
0x0062
EPT_MSG
EPT Message (root cause event) added to EPT packet (see DIR_CMD register)
0x0080
FOD_CTC
FOD Current Threshold Calibration
0x0083
FOD_GSC
FOD Gain Scaler Calibration
0x0087
FOD_OLC
FOD Offset Level Calibration
0x008B
FOD_DCR
Coil DC-Resistance for FOD calculation
0x0090
VRECT_RE
Voltage Regulation Error (difference in mV) between actual and target VRECT, used to calculate CEP for
the transmitter
0x0091
0x0092
RPP_TX
Received Power (comprehensive of losses) level Packet sent to transmitter
0x0093
0x0096
SS_MIN_TX
Minimum Signal-Strength level for proceeding to PING phase
0x0097
CS_OFFS
Current sensor offset adjustment (in mA)
0x0098
IDLE_CC
Chip idle current consumption (in mA)
0x00A1
PMAX_PTC
Maximum power capability established during Power Transfer Contract
0x00A6
TRECT_OTP
Over-Temperature detection Threshold related to Rectifier Temperature sensor
0x00A7
0x00A8
TLR_OTP
Over-Temperature detection Threshold related to main Linear Regulator Temperature sensor
0x00A9
0x00AA
VNTC_OTP
Over-Temperature detection Threshold related to external NTC pin
0x00AB
0x00AC
VRECT_OVP
VRECT Over-Voltage detection Threshold (Adjustable OVP-Clamper)
0x00AD
0x00AE
IRECT_OCP
IRECT Over-Current detection Threshold
0x00AF
0x00C0
PROT_EN
Tshdn_OT
P_En
Vntc_OTP_
En
Tlr_OTP_E
n
Trect_OTP
_En
0x00C1
Fxd_OVPS
_En
Adj_OVPS
_ En
STWLC68
Register map
DS13131 - Rev 3
page 19/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com