Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 24 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 20Page - STMicroelectronics STWLC68JRF Datasheet HTML 21Page - STMicroelectronics STWLC68JRF Datasheet HTML 22Page - STMicroelectronics STWLC68JRF Datasheet HTML 23Page - STMicroelectronics STWLC68JRF Datasheet HTML 24Page - STMicroelectronics STWLC68JRF Datasheet HTML 25Page - STMicroelectronics STWLC68JRF Datasheet HTML 26Page - STMicroelectronics STWLC68JRF Datasheet HTML 27Page - STMicroelectronics STWLC68JRF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
6.2
External components selection
RX series resonant circuit components
The design of the receiving series resonant circuit, namely the receiving coil (Ls), the resonant capacitor (Cs)
and the detection capacitor (Cd), is out of the scope of this document. In principle the resonant capacitor and
the detection capacitor are easily calculated via simple equations involving standardized (Section 6.4 [1],[2]) or
customized resonance frequencies. The receiving coil is certainly the bulkiest and most critical component and
it will be assumed mechanically and electrically defined for the target application. A coil showing a high quality
factor is synonym of good power transfer performance.
Being essential part of the series resonant circuit, both Cs and Cd should show excellent quality factor, relatively
high RMS current capability and superior capacitance stability in the frequency range of interest. Thanks to their
inner structure, Multi-Layer Ceramic capacitors (MLCCs) are inherently good devices in terms of RMS current
capability and quality factor. Capacitance tolerance and stability strongly depend on the dielectric type: NP0, that
shows good characteristics, is unfortunately not suitable for compact applications, since typical values in the order
of hundreds of nano-Farads are not available in small packages.
Therefore, other dielectric types (like X5R, X7R and similar), are used to achieve higher capacitance per volume
at the cost of lower accuracy and undesired dependencies (e.g. DC-biasing, temperature, etc.). In practice, the
most critical Cs usually consists of few smaller, low-profile and X5R/X7R dielectric-type capacitors in parallel. The
parallel connection also helps in increasing the RMS current capability and in mitigating the effect of capacitance
tolerance due to production spread. The voltage rating for these capacitors is usually maximized to take into
account the voltage developed in proximity of resonance: 50V-rated capacitors are generally a good choice.
ASK modulation capacitors
The capacitors at the COMM1/COMM2 pins are connected to the AC1-AC2 terminals through controlled switches
(ASK modulator): the de-tuning effect of closing these switches results in an amplitude modulation detected by
the transmitter and also visible at the rectified voltage. Positive or negative modulation may occur, depending on
the operating frequency and other factors. The ASK modulation index clearly depends on the capacitance value
of these capacitors, whose value has to be adjusted in case of heavy negative modulation at VRECT (that is
generally undesirable). The same considerations made above for the resonant capacitors is also applicable here,
where capacitance tolerance is less critical: X5R dielectric-type are a good choice and an initial value of 47 nF is
typically doing the job. CLAMP1 and CLAMP2 pins are basically a replica of COMM1 and COMM2: their function
is providing a deeper ASK modulation under particular operating conditions and their activity can be controlled
runtime.
VRECT over-voltage clamping resistor
The voltage at the VRECT pin is primarily dictated by the transmitter, whose operating point is linked to the
feedback information received via ASK modulation. Unexpected conditions, however, may increase the VRECT
voltage to dangerous values (proximity to AMR levels). A sudden change in relative alignment between the
transmitting and receiving coils, for example, could result in a dramatic change in coupling factor and, in turn, in a
fast-rising voltage. Since the reaction of the transmitter is relatively slow, the STWLC68 protects itself by closing
the switch internally connected to the IEXT pin. This switch is externally connected to VRECT via a resistor
(RCL) to implement an active clamper. The value of RCL is selected so that most of the power dissipation takes
place in it during the clamping action, rather than inside the chip. Special resistors (surge resistors) capable of
withstanding higher energy pulses are recommended.
ESD protection diodes
Since the receiving coil is an easy entry point for ESD (relatively large area with remarkable capacitive coupling),
a good application design should consider protections for the most exposed pins: AC1 and AC2. Uni-directional
Transient Voltage Suppression (TVS) diodes at both pins is the right choice. ESDs have essentially a common-
mode nature and, although the receiving coil has low DC-resistance, its AC impedance may appear quite high to
fast voltage spikes: independent clamping at AC1 and AC2 pins is thus madatory. The knee-voltage of the TVS
diodes should be selected considering the maximum VRECT voltage plus some margin to avoid non-negligible
leakage current at higher temperature, while their energy dissipation capability should be maximized considering
the size of the package.
STWLC68
External components selection
DS13131 - Rev 3
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com