Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 15 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 11Page - STMicroelectronics STWLC68JRF Datasheet HTML 12Page - STMicroelectronics STWLC68JRF Datasheet HTML 13Page - STMicroelectronics STWLC68JRF Datasheet HTML 14Page - STMicroelectronics STWLC68JRF Datasheet HTML 15Page - STMicroelectronics STWLC68JRF Datasheet HTML 16Page - STMicroelectronics STWLC68JRF Datasheet HTML 17Page - STMicroelectronics STWLC68JRF Datasheet HTML 18Page - STMicroelectronics STWLC68JRF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte sent to the STWLC68 is generally followed
by an acknowledge (ACK) bit. The MSB is transferred first. One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the high state of each SCL clock pulse.
Figure 7. Byte transfer
Acknowledge
The I2C master releases the SDA line during the 9th SCL clock pulse in order to detect the ACK pulse eventually
generated by the slave (Figure 8). The STWLC68 generates the ACK pulse (by pulling-down the SDA line during
the acknowledge clock pulse) to confirm the correct device address or the received data bytes: the missing ACK
pulse is a so-called not-acknowledge condition (NACK) and, apart specific cases, the master aborts the ongoing
operation in such an event. If the supply voltage of the STWLC68 is too low, the I2C interface is disabled and no
ACK pulses are genarated (see Under-Voltage Lockout thresholds in the Electrical Characteristics).
Figure 8. Acknowledge on the I2C bus
Interface protocol
The interface protocol consists of (see Figure 9):
start condition (START)
7-bit device address (0x61) + R/W bit (read =1 / write =0)
Register pointer, high-byte
Register pointer, low-byte
Data sequence: N x (data byte + ACK)
Stop condition (STOP)
The register pointer (or address) byte defines the destination register to which the read or write operation applies.
When the read or write operation is finished, the register pointer is automatically incremented.
STWLC68
I2C interface
DS13131 - Rev 3
page 15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com