Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 30 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 24Page - STMicroelectronics STWLC68JRF Datasheet HTML 25Page - STMicroelectronics STWLC68JRF Datasheet HTML 26Page - STMicroelectronics STWLC68JRF Datasheet HTML 27Page - STMicroelectronics STWLC68JRF Datasheet HTML 28Page - STMicroelectronics STWLC68JRF Datasheet HTML 29Page - STMicroelectronics STWLC68JRF Datasheet HTML 30Page - STMicroelectronics STWLC68JRF Datasheet HTML 31Page - STMicroelectronics STWLC68JRF Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Absolute maximum ratings ............................................................. 6
Table 3.
Thermal characteristics................................................................ 6
Table 4.
Electrical characteristics ............................................................... 7
Table 5.
List of selectable functions for GPIOx pins.................................................. 12
Table 6.
Registers map ..................................................................... 17
Table 7.
Typical components list for a 2.5 W application .............................................. 22
Table 8.
Typical components list for a 5 W application ................................................ 23
Table 9.
WLCSP72 3.264x3.674x0.6 0.4 Pitch 0.25 Ball mechanical data .................................. 27
Table 10.
Document revision history ............................................................. 28
STWLC68
List of tables
DS13131 - Rev 3
page 30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com