Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 19Page - STMicroelectronics STWLC68JRF Datasheet HTML 20Page - STMicroelectronics STWLC68JRF Datasheet HTML 21Page - STMicroelectronics STWLC68JRF Datasheet HTML 22Page - STMicroelectronics STWLC68JRF Datasheet HTML 23Page - STMicroelectronics STWLC68JRF Datasheet HTML 24Page - STMicroelectronics STWLC68JRF Datasheet HTML 25Page - STMicroelectronics STWLC68JRF Datasheet HTML 26Page - STMicroelectronics STWLC68JRF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Componen
t
Value
Manufacturer
Part Number
Notes
C13, C14
2.2µF/25V
Murata
GRM155R61E225KE11D
V1V8 and V5V0 filtering capacitors
C15, C16,
C17
10µF/25V
Murata
GRM188R61E106MA73D
VRECT filtering capacitor
C18, C19,
C20
10µF/25V
Murata
GRM188R61E106MA73D
OUT filtering capacitor
D1, D2
12V TVS
NXP
PESD12VS1UL
ESD protection diodes
D3
Rohm
SML-P12VTT86R
Red LED (output on)
R1
100R
TE Connectivity
CRGP0603F100R
OVP clamping resistor (RCL)
R2
470R
R3, R4, R5
47k
INT and I2C bus lines pull-up resistors
R6
5k1 1%
NTC pin high-side resistor
R7
10k 3%
Murata
NCU18XH103E60RB
NTC resistor (coil temperature sensor)
Table 8. Typical components list for a 5 W application
Componen
t
Value
Manufacturer
Part Number
Notes
L1
8 µH
Wurth
760308102207
Receiving coil (Ls)
C1, C2, C3,
C4
100nF/50V
Murata
GCM155R71H104KE02D
Series resonant capacitor (Cs)
C5
3.9nF/50V
Murata
GRM155R71H392KA01D
Detection capacitor (Cd)
C8, C11
47nF/50V
Murata
GRM155R71H473KE14D
Rectifier bootstrap capacitors
C12
4n7/50V
Murata
GCM155R71H472KA37D
Main LR bootstrap capacitor
C6, C9
22nF/50V
Murata
GRM155R71H223KA12D
ASK modulation capacitors
C7, C10
22nF/50V
Murata
GRM155R71H223KA12D
Auxiliary ASK modulation capacitors
C13, C14
2.2µF/25V
Murata
GRM155R61E225KE11D
V1V8 and V5V0 filtering capacitors
C15, C16,
C17
10µF/25V
Murata
GRM188R61E106MA73D
VRECT filtering capacitor
C18, C19,
C20
10µF/25V
Murata
GRM188R61E106MA73D
OUT filtering capacitor
D1, D2
16V TVS
Littelfuse
SMAJ16A
ESD protection diodes
D3
Rohm
SML-P12VTT86R
Red LED (output on)
R1
100R
TE Connectivity
CRGP0603F100R
OVP clamping resistor (RCL)
R2
470R
R3, R4, R5
47k
INT and I2C bus lines pull-up resistors
R6
5k1 1%
NTC pin high-side resistor
R7
10k 3%
Murata
NCU18XH103E60RB
NTC resistor (coil temperature sensor)
Note:
All the above components refer to a typical application. Operation of the device in the application may be limited
by the choice of these external components (voltage ratings, current and power dissipation capability, etc.).
The basic application schematic is relatively simple, since STWLC68 does not require many external parts to
operate. Anyway, there are different aspects that must be carefully considered to properly design a customized
application. In most of cases the main constrains are the limited PCB size/room and tickness, that unavoidably
lead to crowded solutions with far-from-optimal electrical and thermal performance.
STWLC68
Reference schematic
DS13131 - Rev 3
page 23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com