Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 2Page - STMicroelectronics STWLC68JRF Datasheet HTML 3Page - STMicroelectronics STWLC68JRF Datasheet HTML 4Page - STMicroelectronics STWLC68JRF Datasheet HTML 5Page - STMicroelectronics STWLC68JRF Datasheet HTML 6Page - STMicroelectronics STWLC68JRF Datasheet HTML 7Page - STMicroelectronics STWLC68JRF Datasheet HTML 8Page - STMicroelectronics STWLC68JRF Datasheet HTML 9Page - STMicroelectronics STWLC68JRF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
4
Electrical and thermal specifications
4.1
Absolute maximum ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings
only and operation of the device at these or any other condition above those indicated in Table 2 is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Parameter
Pin(s)
Min.
Max.
Unit
Pin voltage range
AC1, AC2, COMM1, COMM2, CLAMP1 and CLAMP2
respect to ground (VSSA, VSSD and VSSP pins)
-0.9
27
V
BOOT1 to AC1
-0.3
5.5
BOOT2 to AC2
BOOT1 and BOOT2 respect to ground (VSSA, VSSD
and VSSP pins)
-0.3
27
BOOT respect to VRECT
-0.3
5.5
VRECT, VOUT and IEXT respect to ground (VSSA,
VSSD and VSSP pins)
-0.7
27
V1V8, NTC, VS and DFT respect to ground (VSSA,
VSSD and VSSP pins)
-0.3
2
V5V0, VGATE, GPIO0 through GPIO5, INTB, RSTB,
SDA, SCL and BOOT_SEL respect to ground (VSSA,
VSSD and VSSP pins)
-0.7
5.5
Relative voltage between any ground pin (VSSA,
VSSD, VSSP)
-0.3
0.3
HBM ESD susceptibility
JEDEC JS001-2012
All pins
2000
V
CDM ESD susceptibility
JEDEC JS002-2012
500
Latch-Up EIA/JESD78E
-200
200
mA
4.2
Thermal characteristics
Table 3. Thermal characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA,OP(1)
Operating ambient temperature
-40
85
°C
TJ,OP
Operating junction temperature
0
125
RϴJA(2)
Junction to ambient thermal resistance
2s2p
40
°C/W
TSHDN
Thermal shutdown threshold
125
°C
TSHDN,HYST
Thermal shutdown hysteresis
10
1. TA,OP -40°C to +85°C, limits over the operating range guaranteed by design and characterization, if not otherwise specified.
2. Device mounted on a standard JESD51-5 test board
STWLC68
Electrical and thermal specifications
DS13131 - Rev 3
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com