Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68JRF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STWLC68JRF Datasheet HTML 4Page - STMicroelectronics STWLC68JRF Datasheet HTML 5Page - STMicroelectronics STWLC68JRF Datasheet HTML 6Page - STMicroelectronics STWLC68JRF Datasheet HTML 7Page - STMicroelectronics STWLC68JRF Datasheet HTML 8Page - STMicroelectronics STWLC68JRF Datasheet HTML 9Page - STMicroelectronics STWLC68JRF Datasheet HTML 10Page - STMicroelectronics STWLC68JRF Datasheet HTML 11Page - STMicroelectronics STWLC68JRF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output voltage range
VOUT_SET = 0x0320
V
19.92
20
20.08
Vout Line regulation
IVOUT = 0.1 A, VOUT = 5 V,
6 V < VVRECT < 15 V
3
15
mV
Vout Load regulation
VVRECT = 5.5 V, VOUT = 5 V,
1 mA < IVOUT < 800mA
30
70
mV
VOUT_STEP
Programmable step size
25
mV
VDROP
Linear regulator drop-out voltage
IOUT = 1 A
100
200
mV
IOUT_CL
Linear regulator overcurrent protection
1.4
1.5
1.6
A
Thermal protection (external NTC)
VNTC,OTP
External over-temperature NTC pin
upper threshold
0.55
0.59
0.65
V
External over-temperature NTC pin
hysteresis
50
125
150
mV
INTC,BIAS
NTC pin bias current
VNTC = 1.5 V
1
2
μA
Over-Voltage Protection
VVRECT,OVPH
Hard OVP (AC1-AC2 short to VSSP)
upper threshold
24.2
24.7
25.2
V
Hard-OVP hysteresis
0.5
1.0
1.5
VVRECT,OVPS
Adjustable Soft OVP (IEXT clamping)
upper threshold
VRECT_OVP = 0x2EE0
11.5
12
12.5
V
VRECT_OVP = 0x4650
17.5
18
18.5
Fixed Soft OVP (IEXT clamping) upper
threshold
22.5
23
23.5
IIEXT,MAX
IEXT clamping switch current capability
Non-repetitive 100 ms rectangular
pulse
0.3
A
RIEXT,ON
IEXT switch on-resistance
IIEXT = 250 mA
1.8
3
Ω
Digital signals
VIL
Low level input voltage
0.55
V
VIH
High level input voltage
1.14
VOH
GPIOx high level output voltage
Output high, ISOURCE = 3mA
1.25
IOH
GPIOx pin current capability
Output high
3
mA
VOL
Low level output voltage
Output low, ISINK=3mA
360
mV
IIPU
Internal pull-up current
GPIOx, INTB, SCL, SDA pins
10
16
22
μA
RSTB pin
4
8
13
IIPD
Internal pull-down current
GPIOx, INTB, SCL, SDA pins
10
16
22
RSTB pin
4
8
13
STWLC68
Electrical characteristics
DS13131 - Rev 3
page 8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com