Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 25Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 26Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 27Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 28Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 29Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 30Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 31Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 32Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
timing requirements for TMS28F004ASy and TMS28F400ASy
write/erase operations — W-controlled writes
ALT
’28F004ASy60
’28F400ASy 60
’28F004ASy 70
’28F400ASy70
’28F004ASy 80
’28F400ASy80
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tc( W )
Cycle time, write
tAVAV
110
60
130
70
150
80
ns
tc( W )OP
Cycle time, duration of
programming operation
tWHQV1
6
6
6
6
6
6
µs
tc( W )ERB
Cycle time, erase operation
(boot block)
tWHQV2
0.3
0.3
0.3
0.3
0.3
0.3
s
tc( W )ERP
Cycle time, erase operation
(parameter block)
tWHQV3
0.3
0.3
0.3
0.3
0.3
0.3
s
tc( W )ERM
Cycle time, erase operation
(main block)
tWHQV4
0.6
0.6
0.6
0.6
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
200
100
200
100
200
100
ns
th(A)
Hold time, A0 – A17
(see Note 15)
tWHAX
0
0
0
0
0
0
ns
th(D)
Hold time, DQ valid
tWHDX
0
0
0
0
0
0
ns
th(E)
Hold time, E
tWHEH
0
0
0
0
0
0
ns
th( VPP)
Hold time, VPP from valid
status register bit
tQVVL
0
0
0
0
0
0
ns
th(RP)
Hold time, RP at VHH from
valid status register bit
tQVPH
0
0
0
0
0
0
ns
th(WP)
Hold time, WP from valid status
register bit
tWHPL
0
0
0
0
0
0
ns
tsu(WP)
Setup time, WP before write
operation
tELPH
90
50
105
50
120
50
ns
tsu(A)
Setup time, A0 – A17
(see Note 15)
tAVWH
90
50
105
50
120
50
ns
tsu(D)
Setup time, DQ
tDVWH
90
50
105
50
120
50
ns
tsu(E)
Setup time, E before write
operation
tELWL
0
0
0
0
0
0
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com