Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 5Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 6Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 7Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 9Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 10Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 11Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 12Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operation
Device operations are selected by entering standard JEDEC 8-bit command codes with conventional
microprocessor timing into an on-chip CSM through I/O pins DQ0 – DQ7. When the device is powered up,
internal reset circuitry initializes the chip to a read-array mode of operation. Changing the mode of operation
requires a command code to be entered into the CSM. Table 3 lists the CSM codes for all modes of operation.
The on-chip status register allows the progress of various operations to be monitored. The status register is
interrogated by entering a read-status-register command into the CSM (cycle 1) and reading the register data
on I/O pins DQ0 – DQ7 (cycle 2). Status-register bits SB0 through SB7 correspond to DQ0 through DQ7.
Table 3. CSM Codes for Device Mode Selection
COMMAND
CODE ON
DQ0 – DQ7†
DEVICE MODE
00h
10h
20h
40h
50h
70h
90h
B0h
D0h
FFh
Invalid / Reserved
Alternate Program Setup
Block-Erase Setup
Program Setup
Clear Status Register
Read Status Register
Algorithm Selection
Erase-Suspend
Erase-Resume/Block-Erase Confirm
Read Array
† DQ0 is the least significant bit. DQ8 – DQ15 can be any valid 2-state
level.
command definitions
Once a specific command code has been entered, the WSM executes an internal algorithm generating the
necessary timing signals to program, erase, and verify data. See Table 4 for the CSM command definitions and
data for each of the bus cycles. Table 5 lists the status register bits and definitions.
Following the read-algorithm-selection-code command, two read cycles are required to access the
manufacturer-equivalent code and the device-equivalent code. Table 6, Table 7, and Table 8 list the code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com