Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 51Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 52Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 53Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 54Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 55Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 56Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 57Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 58Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
55
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
power-up and reset switching characteristics for TMS28F004AFy and TMS28F400AFy over
recommended ranges of supply voltage (commercial and extended temperature ranges)
(see Notes 11, 12, and 13)
ALT
’28F004AFy 60
’28F400AFy 60
’28F004AFy 70
’28F400AFy 70
’28F004AFy 80
’28F400AFy 80
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN (see
Note 14)
tPL5V
tPL3V
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
60
70
80
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
450
450
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.
power-up and reset switching characteristics for TMS28F400AFy over recommended ranges of
supply voltage (automotive temperature range) (see Notes 11, 12, 13)
ALT
’28F004AFy 70
’28F400AFy70
’28F004AFy 80
’28F400AFy80
’28F004AFy 90
’28F400AFy90
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN
(see Note 14)
tPL5V
tPL3V
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
70
80
90
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
450
450
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com