Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 58Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 59Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 60Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 61Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 62Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 63Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 64Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 65Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
62
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TMS28F004AZy and TMS28F400AZy
The TMS28F004AZy and the TMS28F400AZy configurations offer a 5-V memory read with a 12-V program and
a 12-V erase for fast programming and erasing times. This configuration is offered in three temperature ranges:
0
°C to 70°C, – 40°C to 85°C, and – 40°C to 125°C.
recommended operating conditions for TMS28F004AZy and TMS28F400AZy
MIN
NOM
MAX
UNIT
VCC
Supply voltage
During write/read/erase/erase suspend
5-V VCC range
4.5
5
5.5
V
VPP
Supply voltage
During read only
VPPL
0
6.5
V
VPP
Supply voltage
During write/erase/erase suspend
12-V VPP range
11.4
12
12.6
V
VIH
High level dc input voltage
TTL
2
VCC + 0.3
V
VIH
High-level dc input voltage
CMOS
VCC – 0.2
VCC + 0.2
V
VIL
Low level dc input voltage
TTL
– 0.3
0.8
V
VIL
Low-level dc input voltage
CMOS
VSS – 0.2
VSS + 0.2
V
VLKO
VCC lock-out voltage from write/erase (see Note 7)
2
V
VHH
RP unlock voltage
11.4
12
13
V
VPPLK VPP lock-out voltage from write/erase
0
1.5
V
L Suffix
0
70
°C
TA
Operating free-air temperature
E Suffix
– 40
85
°C
Q Suffix
– 40
125
°C
NOTE 7: Mimimum value at TA = 25°C.
word/byte typical write and block-erase performance for TMS28F400AZy and TMS28F400AZy
(see Notes 8 and 9)
PARAMETER
12-V VPP AND
5-V VCC RANGES
MIN
TYP
MAX
Main block-erase time
1.1
14
Main block-byte program time
1.2
4.2
Main block-word program time
0.6
2.1
Parameter/ boot-block erase time
0.34
7
NOTES:
8. Typical values shown are at TA = 25°C and nominal conditions.
9. Excludes system-level overhead (all times in seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com