Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 15Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 16Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 17Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 18Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 19Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 20Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 21Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 22Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
BUS
OPERATION
COMMAND
COMMENTS
Write
Write erase
setup
Data = 20h
Block Addr = Address
within
block to
be
erased
Write
Erase
Data = D0h
Block Addr = Address
within
block to
be
erased
Read
Status-register data.
Toggle G or E to update
status register
Standby
Check SB7
1 = Ready, 0 = Busy
Repeat for subsequent blocks
Write FFh after the last block-erase operation to reset the
device to read-array mode.
BUS
OPERATION
COMMAND
COMMENTS
Standby
Check SB3
1 = Detect VPP low
(see Note B)
Standby
Check SB4 and SB5
1 = Block-erase
error
Standby
Check SB5
1 = Block-erase error
(see Note C)
NOTES: A. Full status-register check can be done after each word or after a sequence of words.
B. SB3 must be cleared before attempting additional program / erase operations.
C. SB5 is cleared only by the clear-status-register command in cases where multiple blocks are erased before full status is checked.
Figure 5. Automated Block-Erase Flow Chart
Start
Issue Erase-Setup Command
and Block Address
Issue Block-Erase-Confirm
Command and
Block Address
Read Status-Register Bits
SB7 = 1
?
No
Full Status-Register
Check (optional)
See Note A
Yes
Block-Erase Completed
FULL STATUS-REGISTER-CHECK FLOW
SB3 = 0
?
No
Yes
VPP Range Error
SB4 = 1,
SB5 = 1
?
Yes
No
Command Sequence
Error
Block-Erase Passed
Erase
Suspend
?
Yes
No
Erase-
Suspend
Loop
SB5 = 0
?
No
Block-Erase Failed
Yes
Read Status-Register
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com