Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 33Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 34Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 35Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 36Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 37Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 38Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 39Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 40Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
power-up and reset switching characteristics for TMS28F004AEy and TMS28F400AEy over
recommended ranges of supply voltage (commercial and extended temperature ranges)
(see Notes 11, 12, and 13)
ALT
’28F004AEy 60
’28F400AEy 60
PARAMETER
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN (to VCC at
2.7 V MIN or 3.6 V MAX) (see Note 14)
tPL5V
tPL3V
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
110
60
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
800
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
µs
th(RP3)
Hold time, VCC at 2.7 V (MIN) to RP high
t3VPH
2
2
µs
ALT
’28F004AEy 70
’28F400AEy 70
’28F004AEy 80
’28F400AEy 80
PARAMETER
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V
MIN (to VCC at
2.7 V MIN or 3.6 V MAX)
(see Note 14)
tPL5V
tPL3V
0
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
150
70
150
80
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
800
450
800
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP
high
t5VPH
2
2
2
2
µs
th(RP3)
Hold time, VCC at 2.7 V (MIN) to RP
high
t3VPH
2
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com