Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 61Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 62Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 63Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 64Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 65Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 66Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 67Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 68Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F004AZy and TMS28F400AZy over recommended ranges of
supply voltage (commercial and extended temperature ranges)
read operations
ALT
’28F004AZy 60
’28F400AZy 60
’28F004AZy 70
’28F400AZy 70
’28F004AZy 80
’28F400AZy 80
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17 (see Note 15)
tAVQV
60
70
80
ns
ta(E)
Access time from E
tELQV
60
70
80
ns
ta(G)
Access time from G
tGLQV
35
40
40
ns
tc(R)
Cycle time, read
tAVAV
60
70
80
ns
td(E)
Delay time, E low to low-impedance output
tELQX
0
0
0
ns
td(G)
Delay time, G low to low-impedance output
tGLQX
0
0
0
ns
tdis(E)
Disable time, E to high-impedance output
tEHQZ
25
30
30
ns
tdis(G)
Disable time, G to high-impedance output
tGHQZ
25
30
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E, or G,
whichever occurs first (see Note 15)
tAXQX
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
450
450
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15 in
high-impedance state
tFLQZ
25
30
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
60
70
80
ns
NOTE 15: A–1 – A17 for byte-wide
switching characteristics for TMS28F400AZy over recommended ranges of supply voltage
(automotive temperature range)
read operations
ALT
’28F004AZy 70
’28F400AZy 70
’28F004AZy80
’28F400AZy80
’28F004AZy90
’28F400AZy90
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17 (see Note 15)
tAVQV
70
80
90
ns
ta(E)
Access time from E
tELQV
70
80
90
ns
ta(G)
Access time from G
tGLQV
35
40
45
ns
tc(R)
Cycle time, read
tAVAV
70
80
90
ns
td(E)
Delay time, E low to low-impedance output
tELQX
0
0
0
ns
td(G)
Delay time, G low to low-impedance output
tGLQX
0
0
0
ns
tdis(E)
Disable time, E to high-impedance output
tEHQZ
25
30
35
ns
tdis(G)
Disable time, G to high-impedance output
tGHQZ
25
30
35
ns
th(D)
Hold time, DQ valid from A0 – A17, E, or G,
whichever occurs first (see Note 15)
tAXQX
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com