Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 52Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 53Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 54Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 55Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 56Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 57Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 58Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 59Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F004AFy and TMS28F400AFy over recommended ranges of
supply voltage (commercial and extended temperature ranges)
read operations
ALT
’28F004AFy 60
’28F400AFy 60
’28F004AFy 70
’28F400AFy 70
’28F004AFy 80
’28F400AFy 80
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17 (see Note 15)
tAVQV
60
70
80
ns
ta(E)
Access time from E
tELQV
60
70
80
ns
ta(G)
Access time from G
tGLQV
35
40
40
ns
tc(R)
Cycle time, read
tAVAV
60
70
80
ns
td(E)
Delay time, E low to low-impedance output
tELQX
0
0
0
ns
td(G)
Delay time, G low to low-impedance output
tGLQX
0
0
0
ns
tdis(E)
Disable time, E to high-impedance output
tEHQZ
25
30
30
ns
tdis(G)
Disable time, G to high-impedance output
tGHQZ
25
30
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E, or G,
whichever occurs first (see Note 15)
tAXQX
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
450
450
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15 in
high-impedance state
tFLQZ
25
30
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
60
70
80
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com