Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 5 Page - Texas Instruments

  TMS28F400AMB90CDCDL Datasheet HTML 1Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 2Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 3Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 4Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 5Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 6Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 7Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device symbol nomenclature
Temperature Range Designator
L=
0
°Cto 70°C
E = – 40
°Cto 85°C
Q= – 40
°C to 125°C
Package Designator
DBJ = 44 Lead PSOP
DCD= 40 Lead TSOP
DCD= 48 Lead TSOP
Program/Erase Endurance
C
= 100 000 Cycles
B
= 10 000 Cycles
Speed Designator
60 = 60 ns
70 = 70 ns
80 = 80 ns
90 = 90 ns
60
C
DBJ
L
TMS28F400AS
Boot-Block Location Indicator
T = Top Location
B = Bottom Location
S = (3.3 V
± 0.3V or 5V ± 10%) VCC and (5V ± 10% or 12V ± 5%) VPP
E = (2.7 V to 3.6 V or 5 V
± 10%) VCC and (5V ± 10% or 12V ± 5%) VPP
M = (3.3 V
± 0.3V or 5V ± 10%) VCC and (12V ± 5%) VPP
F= 5 V
± 10% VCC and (5V ± 10% or 12V ± 5%) VPP
Z= 5 V
± 10% VCC and 12V ± 5% VPP
T
Configuration
400 = 256K 16-bit or 512K 8-bit
004 = 512K 8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com