Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F400AMB90CDCDL Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS28F400AMB90CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90CDCDL Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS28F400AMB90CDCDL Datasheet HTML 34Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 35Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 36Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 37Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 38Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 39Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 40Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 41Page - Texas Instruments TMS28F400AMB90CDCDL Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F004AEy and TMS28F400AEy over recommended ranges of
supply voltage (commercial and extended temperature ranges)
read operations
ALT
’28F004AEy 60
’28F400AEy 60
’28F004AEy 70
’28F400AEy 70
PARAMETER
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17
(see Note 15)
tAVQV
110
60
130
70
ns
ta(E)
Access time from E
tELQV
110
60
130
70
ns
ta(G)
Access time from G
tGLQV
65
35
80
40
ns
tc(R)
Cycle time, read
tAVAV
110
60
130
70
ns
td(E)
Delay time, E low to low-impedance
output
tELQX
0
0
0
0
ns
td(G)
Delay time, G low to low-impedance
output
tGLQX
0
0
0
0
ns
tdis(E)
Disable time, E to high-impedance
output
tEHQZ
55
25
70
30
ns
tdis(G)
Disable time, G to high-impedance
output
tGHQZ
45
25
55
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E,
or G, whichever occurs first
(see Note 15)
tAXQX
0
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
800
450
800
450
ns
tdis(BL)
Disable time, BYTE low to
DQ8 – DQ15 in the high-impedance
state
tFLQZ
45
25
55
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
110
60
130
70
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com