Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 25Page - Analog Devices ADE1201ACCZ Datasheet HTML 26Page - Analog Devices ADE1201ACCZ Datasheet HTML 27Page - Analog Devices ADE1201ACCZ Datasheet HTML 28Page - Analog Devices ADE1201ACCZ Datasheet HTML 29Page - Analog Devices ADE1201ACCZ Datasheet HTML 30Page - Analog Devices ADE1201ACCZ Datasheet HTML 31Page - Analog Devices ADE1201ACCZ Datasheet HTML 32Page - Analog Devices ADE1201ACCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 29 of 40
APPLICATIONS INFORMATION
Table 16 lists the external components in the recommended ADE1201 application circuit, as shown in Figure 20.
Table 16. External Components
Component
Value
Recommended Component
Manufacturer
Manufacturer Part Number1
Notes/Comments
Capacitors
Decoupling for VDDL,
VDDI, VDD, VLDO
1 μF
AVX
0603YC105KAT2A
X7R, it is recommended to decouple each
voltage rail with 1 μF and 0.1 μF
0.1 μF
AVX
06035C104KAT2A
C1
10 nF
TDK
CGA8L4C0G2J103J160KA
630 V high voltage capacitor, shunts high
frequency disturbance from ADE1201 input
C3
1000 pF
Murata
GRM188R71H102KA01D
50 V, ceramic X7R, required for proper function
of the programmable load circuit of ADE1201
C4
1 nF
TDK
C1608C0G2A102J
Creates low pass filter with R4
C13, C14
10 pF
TDK
C4520C0G3F100F085KA
3 kV, SMD, EMI capacitor, may be required to
reduce radiated emissions
Resistors
R1 to R3
95.3 kΩ
Panasonic
ERJ-8ENF9532V
1% 1206, forms part of the voltage divider,
creepage and clearance requirements dictate
the size of these components
R4
1.1 kΩ
Panasonic
ERJ-6ENF1101V
1%, 0805, forms part of the voltage divider
R5, R6
10 Ω
Vishay
SMM02070C1009FBP00
1%, 1 W, automotive grade metal electrode
leadless face (MELF), serve as current limiting
resistors and are required for surge and EMC
withstand
R7
10 Ω
Vishay
Y162910R0000B9R
0.1% Z foil, current limiting resistors
Other Components
External FET (Q1)
Vishay
SIHFRC20TR-GE3
Pass device for programmable current, the
operating point must fit within SOA under all
conditions, maximum VGS of 6 V.
Diode Rectifier Bridge
(D1)
Vishay
DF10SA-E3/77
1 kV, 1 A, required for bipolar operation
Ferrite Beads (E1, E2)
Murata
BLM31PG601SN1L
Active from 10 MHz to 300 MHz, improves
radiated emissions and RF immunity
Ferrite Beads (E3)
Murata
BLM31PG601SN1L
Active from 10 MHz to 300 MHz, aids in
preventing FET parasitic oscillation
Metal Oxide Varistor
(MOV) (V1)
275 V ac/
350 V dc
Kemet
VP3225K401R275
Provide transient voltage suppression
1
Use recommended components or ones that are similar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com