Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 1 Page - Analog Devices

  ADE1201ACCZ Datasheet HTML 1Page - Analog Devices ADE1201ACCZ Datasheet HTML 2Page - Analog Devices ADE1201ACCZ Datasheet HTML 3Page - Analog Devices ADE1201ACCZ Datasheet HTML 4Page - Analog Devices ADE1201ACCZ Datasheet HTML 5Page - Analog Devices ADE1201ACCZ Datasheet HTML 6Page - Analog Devices ADE1201ACCZ Datasheet HTML 7Page - Analog Devices ADE1201ACCZ Datasheet HTML 8Page - Analog Devices ADE1201ACCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Single Channel, Configurable,
Isolated Digital Input
Data Sheet
ADE1201
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single channel, configurable, isolated digital input
Programmable trip threshold
On-chip debounce filter
On-chip data and power isolation
Application circuit monitors wide voltage range
±10 V dc to ±300 V dc
8 V rms to 240 V rms ac
Programmable wetting current
Pulse up to 205 mA
Constant current up to 6.3 mA
Safety and regulatory approvals
UL recognition
3750 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A (pending)
CSA 61010-1: 300 V rms
VDE certificate of conformity (pending)
DIN V VDE V 0884-11 (VDE V 0884-11):2017-1
VIORM = 565 V peak
EMC robust solution supports relay protection system level
requirements
ADC samples available for system diagnostics
Internal SAR ADC with PGA
Single 3.3 V supply
Integrated isoPower, isolated dc-to-dc converter
Interfaces
SPI
DOUT1 output reflects state of digital input
IRQ interrupt pin
Operating temperature: −40°C to +125°C
20-lead, LGA package with 6.8 mm creepage
APPLICATIONS
Energy transmission and distribution
Multifunction relay protection
Substation battery monitoring
Bay or substation interlocking
Merge unit
Circuit breaker status indication
Remote terminal unit
Building automation
GENERAL DESCRIPTION
The ADE12011 is a single channel, configurable, isolated
digital input monitoring solution for energy transmission and
distribution applications. The ADE1201 is configured through
the serial port interface (SPI) to perform an isolated measurement
of the digital input that is also called binary input or contact
input. The ADE1201 digital output signal on the DOUT1 pin
reflects the state of the input signal after user configurable
signal conditioning. The SPI protocol supports addressing to
allow up to eight devices sharing one 4-wire SPI port.
The ADE1201 application circuit accepts a wide range of input
voltages from ±10 V dc to ±300 V dc, or 8 V rms to 240 V rms.
The programmable wetting current and robust application
circuit enable the device to meet stringent, system level
electromagnetic capability (EMC) requirements.
The ADE1201 includes an isoPower® integrated, isolated dc-to-dc
converter that eliminates the need for an external isolated power
supply. The iCoupler® chip scale transformer technology is
used to isolate the logic signals between the high voltage,
isolated side and the low voltage, nonisolated side of the
digital input monitor. This technology creates a small form
factor design that includes data and power isolation.
An integrated successive approximation register (SAR)
analog-to-digital converter (ADC) and a programmable gain
amplifier (PGA) from 1× to 10× measure the analog inputs.
The ADC waveforms are available through the SPI port to
allow system level diagnostics.
PRODUCT HIGHLIGHTS
1.
Single channel, configurable, isolated digital input.
2.
Single hardware design supports 24 V to 300 V systems.
3.
Robust architecture.
4.
Enables system level diagnostics.
1 Protected by U.S. Patent Number 2017/0250043. Other patents pending.


Similar Part No. - ADE1201ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE1202 AD-ADE1202 Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
ADE1202ACCZ AD-ADE1202ACCZ Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
ADE1202ACCZ-RL AD-ADE1202ACCZ-RL Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
More results

Similar Description - ADE1201ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B11 AD-6B11 Datasheet
416Kb / 8P
Isolated, Field Configurable Analog Input
6B21 AD-6B21 Datasheet
361Kb / 8P
Isolated, Field Configurable Analog Input
6B11 AD-6B11_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12HV AD-6B12HV_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13HV AD-6B13HV_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13 AD-6B13_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
ADE1202 AD-ADE1202 Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com