Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 11Page - Analog Devices ADE1201ACCZ Datasheet HTML 12Page - Analog Devices ADE1201ACCZ Datasheet HTML 13Page - Analog Devices ADE1201ACCZ Datasheet HTML 14Page - Analog Devices ADE1201ACCZ Datasheet HTML 15Page - Analog Devices ADE1201ACCZ Datasheet HTML 16Page - Analog Devices ADE1201ACCZ Datasheet HTML 17Page - Analog Devices ADE1201ACCZ Datasheet HTML 18Page - Analog Devices ADE1201ACCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 15 of 40
TEST CIRCUIT
The typical ADE1201 application circuit is shown in Figure 20.
P3V3
Q1
TO SYSTEM
MICROCONTROLLER
TO ADDRESS
DIVIDER
E5
FB
R4
1.1kΩ
GATE
IN1
R7
LOAD1
VDDI
VDDL
0.1µF
1µF
GNDF
MISO
SCLK
MOSI
VDD
VLDO
GND
DOUT1
ADDR
CS
C4
1nF
10Ω
C2
0.1µF
C3
0.1µF
C5
10pF
C6
10pF
V1
EXTERNAL
CONNECTIONS
DIGITAL
INPUT
ADE1201
GNDF
IRQ
R1
95.3kΩ
R2
95.3kΩ
R3
95.3kΩ
0.1µF
1µF
0.1µF
1µF
0.1µF
1µF
MOV
275V ac/
350V dc
D1
+
–
~~
R5
E1
–
+
10Ω
FB
R6
E2
10Ω
FB
C1
10nF
ISOLATION
BARRIER
≤300V
Figure 20. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com