Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 5Page - Analog Devices ADE1201ACCZ Datasheet HTML 6Page - Analog Devices ADE1201ACCZ Datasheet HTML 7Page - Analog Devices ADE1201ACCZ Datasheet HTML 8Page - Analog Devices ADE1201ACCZ Datasheet HTML 9Page - Analog Devices ADE1201ACCZ Datasheet HTML 10Page - Analog Devices ADE1201ACCZ Datasheet HTML 11Page - Analog Devices ADE1201ACCZ Datasheet HTML 12Page - Analog Devices ADE1201ACCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 9 of 40
DIN V VDE V 0884-11 (VDE V 0884-11) INSULATION CHARACTERISTICS
This isolator is suitable for electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by means
of protective circuits.
An asterisk (*) on a package denotes VDE 0884 approval for a 707 V peak working voltage.
Table 9.
Description
Symbol
Test Conditions/Comments
Characteristic
Unit
Installation Classification per IEC 60664-1
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to III
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
V peak
Input to Output Test Voltage, Method b1
Vpd(m)
VIORM × 1.875 = Vpd(m), 100% production test, tini = tm =
1 sec, partial discharge < 5 pC
1060
V peak
Input to Output Test Voltage, Method a
After Environmental Tests Subgroup 1
Vpd(m)
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
848
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
Vpd(m)
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
678
V peak
Highest Allowable Overvoltage
VIOTM
8000
V peak
Impulse
VIMPULSE
1.2 μs rise time, 50 μs, 50% fall time in air, to the
preferred sequence
8000
V peak
Withstand Isolation Voltage
VISO
1 minute withstand rating
3750
VRMS
Surge Isolation Voltage Reinforced
VIOSM
V peak = 1.3 × VIMPULSE, 1.2 μs rise time, 50 μs, 50% fall time
10400
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 4)
Maximum Ambient Temperature
TS
125
°C
Total Power Dissipation1 at 25°C
IS1
0.75
W
Insulation Resistance at TS
RS
VIO = 500 V
>109
Ω
1 This is the maximum power dissipation to guarantee insulation integrity.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
AMBIENT TEMPERATURE (ºC)
Figure 4. Thermal Derating Curve, Dependence of Safety Limiting Values with Ambient Temperature, per DIN V VDE V 0884-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com