Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 16Page - Analog Devices ADE1201ACCZ Datasheet HTML 17Page - Analog Devices ADE1201ACCZ Datasheet HTML 18Page - Analog Devices ADE1201ACCZ Datasheet HTML 19Page - Analog Devices ADE1201ACCZ Datasheet HTML 20Page - Analog Devices ADE1201ACCZ Datasheet HTML 21Page - Analog Devices ADE1201ACCZ Datasheet HTML 22Page - Analog Devices ADE1201ACCZ Datasheet HTML 23Page - Analog Devices ADE1201ACCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 20 of 40
COMPARATOR
OUTPUT
DEBOUNCE
FILTER
COUNTER
DEBOUNCE FILTER
OUTPUT
DEBOUNCE FILTER
COUNTER
UP/DOWN MODE
UP/CLEAR MODE
DEBOUNCE FILTER
OUTPUT
TIME
TIME
TIME
FILTER LENGTH
FILTER LENGTH
TIME
TIME
Figure 29. Debounce Filter Function Example
INVALID MODE
The register protection feature must be disabled when
configuring the ADE1201 (see the Protecting the Integrity of
Configuration Registers section). During this time, the state of
the DOUT1 pin does not reflect the state of the inputs on the
IN1 pin, and the IC is in invalid mode. The IC remains in this
mode until the register protection is enabled.
During invalid mode, the ADE1201 output on the DOUT1 pin
is set based on Bits[5:4] (INVALID_MODE) and Bit 3
(FORCEVAL) of the BIN_CTRL register.
If the INVALID_MODE bits are equal to 00, the DOUT1 filter
output is set to the value configured in the FORCEVAL bit in
the BIN_CTRL register. If the bits are equal to 01, the DOUT1
filter output is set to the DOUT1 output from the digital
datapath. If the bits are equal to 10, the DOUT1 filter output
toggles the value the bits had upon entering invalid mode. If the
bits are equal to 11, the DOUT1 filter output holds the current
value.
PROGRAMMABLE LOAD CURRENT
The ADE1201 programmable load current block diagram is
shown in Figure 30. The input impedance of the programmable
load is given in Table 1. When the programmable load is disabled
with the PL_EN register, Bit 15 and Bit 14 = 00, and the external
FET is conducting, the load sinks ~100 µA.
ADE1201
29kΩ
LOAD1
GNDF
Figure 30. Programmable Load Current Block Diagram
A high voltage digital input is presented to the ADE1201
application circuit, as shown in Figure 20. When the digital
input switches on to a high voltage state, the ADE1201 injects a
pulsed current load for a user defined period of time based on
the PL_HIGH_TIME register, and then switches to a constant
current. The pulsed current is sometimes called a wetting current
and removes oxidation from the digital input contacts, as well as
minimizes the effects of surge and electrical fast transients.
To calculate the value to write to the HIGH_CODE bits
(Bits[9:0]) of the PL_HIGH_CODE register to configure the
pulsed current, use the following equation:
HIGH_CODE = Pulsed Current/0.2
(2)
where Pulsed Current is the desired current level expressed in
mA. The resolution of the pulsed current is 0.2 mA per LSB.
The maximum current is (210 − 1) × 0.2 = 204.6 mA.
The recommended range of the pulsed current is between 20 mA
and 200 mA, and HIGH_CODE = 100 decimal to 1023 decimal.
The minimum current is 0.2 mA and HIGH_CODE = 1.
The pulsed current is applied for a time period set in Bits[11:0]
(HIGH_TIME) in the PL_HIGH_TIME register.
To determine the value to write to the HIGH_TIME bit field
based on the desired period of the pulse, use the following
equation:
HIGH_TIME = Pulsed Current Period/10
(3)
where Pulsed Current Period is the desired time period
expressed in µs. The resolution of the pulsed current period is
10 µs. The maximum period is (212 − 1) × 10 (µs) = 40.95 ms.
After the pulsed current period, the programmable load
switches to a constant current level set in the LOW_CODE bits
(PL_LOW_CODE register, Bits[5:0]). To determine the value to
write to the LOW_CODE bit field, use the following equation:
LOW_CODE = Constant Current/0.1
(4)
where:
Constant Current is the desired current level expressed in mA.
The resolution of the constant current is 0.1 mA per LSB.
The maximum current that can be set is (26 − 1) × 0.1 = 6.3 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com