Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 22Page - Analog Devices ADE1201ACCZ Datasheet HTML 23Page - Analog Devices ADE1201ACCZ Datasheet HTML 24Page - Analog Devices ADE1201ACCZ Datasheet HTML 25Page - Analog Devices ADE1201ACCZ Datasheet HTML 26Page - Analog Devices ADE1201ACCZ Datasheet HTML 27Page - Analog Devices ADE1201ACCZ Datasheet HTML 28Page - Analog Devices ADE1201ACCZ Datasheet HTML 29Page - Analog Devices ADE1201ACCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 26 of 40
Each time a register is written, the register value must be
verified by reading it back.
If multiple ADE1201 devices share the same SPI bus (as shown
in Figure 35) and the same register in multiple chips must be
initialized with an identical value, the broadcast write functionality
is available. Set Bit 15 in the SPI header word to 1 to enable a
broadcast write, as shown in Figure 41. Bits[2:0] (CHIP_ADDR) of
the header word that indicate the chip address on the SPI bus
are ignored during a broadcast write.
SPI Read Operation
The registers of the ADE1201 can be read one at a time
following the protocol shown in Figure 39.
A read operation is initiated when the host controller sets the
CS pin low and begins sending a 16-bit command word (see
Figure 36). When the ADE1201 receives the last bit of the
header word, the device begins to transmit the register contents
on the MISO line when the next SCLK high to low transition
occurs. The host controller samples the data on the low to high
SCLK transition.
For an SPI read operation, Bit 3 of the command header must
be set to 1 (see Figure 36).
To ensure the integrity of the SPI read operation, a 16-bit CRC
(CRC-16) of the register value sent out on the MOSI pin can be
included in the transaction. If enabled, the ADE1201 appends
the CRC-16 value during the SPI read operation after the
register value (see Figure 40).
If Bit 0 (SPI_CRC_APPEND_EN) in the CTRL register is
cleared to 0 (the default value), no CRC value is appended
during an SPI read operation. If the bit is set to 1, the CRC-16
value is appended to the register value read during the SPI read
operation.
The CRC algorithm is based on the standard CRC-16-CCITT
polynomial. The registers are introduced into a linear feedback
shift register (LFSR)-based generator one byte at a time, most
significant byte first, as shown in Figure 42. Each byte is then
used with the MSB first.
Figure 43 shows how the LFSR is used for CRC calculation. The
ADE1201 register forms Bits[a15:a0] used by the LFSR. Bit a0 is
Bit 15 of the register. Bit a15 is Bit 0 of the register.
+
LFSR GENERATOR
0
7
8
15
ADE1201
REGISTER
07 8
15
a15
a0
Figure 42. CRC Calculation
g0
g1
b0
LFSR
FB
+
g2
b1
+
g3
b2
a15,a14,...a2,a1,a0
+
g15
b15
+
+
Figure 43. LFSR Generator Used for CRC Calculation
Bits bi(0) = 1, where i = 0, 1, 2, … 15, the initial state of the bits
that form the CRC. Bit b0 is the LSB, and Bit b15 is the MSB.
The coefficients gi, where i = 0, 1, 2, … 15, are the coefficients of
the generating polynomial defined by the CRC-16-CCITT
algorithm as follows:
G(x) = x16 + x12 + x5 + 1
(9)
g0 = g5 = g12 = 1
(10)
All other gi coefficients are equal to 0.
FB(j) = aj − 1 XOR b15(j − 1)
(11)
b0(j) = FB(j) AND g0
(12)
bi(j) = FB(j) AND gi XOR bi − 1(j − 1), i = 1, 2, 3, … 15
(13)
Equation 11, Equation 12, and Equation 13 must be repeated for
j = 1, 2, … 16. The value written into the SPI communication CRC
contains Bit bi(16), where i = 0, 1, … 15.
PROTECTING THE INTEGRITY OF CONFIGURATION
REGISTERS
Configuration registers are either user accessible registers (R/W
registers listed in Table 17) or internal registers that are not user
accessible.
On power-up, the user accessible configuration registers can be
written without restriction.
When the registers are configured, write 0xADE1 to the LOCK
register to send configuration information from the isolated
side to the nonisolated side. This action also disables write access to
the configuration registers from the SPI port to protect the
integrity of the configuration.
When the protection is enabled, read back the LOCK register to
ensure that Bit 0 (LOCK) was set to 1.
When the LOCK register is read, Bit 0 (LOCK) shows the
protection status. If the LOCK bit is 0, the protection is
disabled. If the LOCK bit is 1, the protection is enabled.
The lock function does not affect the ADDR_RELOAD bit, the
LOCK register, and the INT_STATUS register, which can all be
written when LOCK = 1.
To disable the register protection, write 0xADE0 to the
LOCK register.
To change any configuration registers, disable the protection,
change the value of the register, and then reenable the protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com