Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 14Page - Analog Devices ADE1201ACCZ Datasheet HTML 15Page - Analog Devices ADE1201ACCZ Datasheet HTML 16Page - Analog Devices ADE1201ACCZ Datasheet HTML 17Page - Analog Devices ADE1201ACCZ Datasheet HTML 18Page - Analog Devices ADE1201ACCZ Datasheet HTML 19Page - Analog Devices ADE1201ACCZ Datasheet HTML 20Page - Analog Devices ADE1201ACCZ Datasheet HTML 21Page - Analog Devices ADE1201ACCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 18 of 40
Table 15. Decimation Settings
DECRATE Bit Setting
Number of Samples
00
Bypass the decimator
01
2
10
4
11
8
AVERAGED BY N
DECIMATED BY N
Figure 24. Decimation Filter Topology
Digital Datapaths
Four datapaths process the data coming out of the decimator,
including comparators and debounce filtering.
One datapath, DOUT1, is capable of driving the DOUT1
output, as shown in Figure 23. The output can also be read over
the SPI.
Three additional datapaths, WARNA1, WARNB1, and
WARNC1 are provided for the user to configure warnings. The
output of the warning datapaths can be read over the SPI.
Set Bit 15 of the BIN_FILTER, WARNA_FILTER,
WARNB_FILTER, and WARNC_FILTER registers to enable
the comparator and debounce filters.
Comparator Function
Each comparator includes a high threshold level and a low
threshold level. The thresholds are programmable between 0x00
and 0xFF. An IN1 pin voltage of 1.25 V/PGA setting translates
to 0xFF. To calculate the threshold register value based on the
desired threshold voltage and input signal level, use the
following equation:
THR = (THRESHOLD/(1.25/PGA)) × 255
(1)
where:
THR is the value that is written in the BIN_THR, WARNA_THR,
WARNB_THR, and WARNC_THR control registers.
THRESHOLD is the desired threshold level expressed in V.
PGA is the PGA gain selected by the PGA_GAIN register.
The BIN_THR register contains the configuration used for the
DOUT1 datapath, which can be output on the DOUT1 pin.
The WARNA_THR, WARNB_THR, and WARNC_THR
registers contain the configuration for the warning channels.
Each comparator has four configurable modes: hysteretic mode,
midrange mode, greater than (GT) mode, and lesser than
(LT) mode. They are selected by the BIN_MODE, WARNA_
MODE, WARNB_MODE, and WARNC_MODE bits in the
BIN_CTRL register. After reset, the DOUT1 channel is in
hysteretic mode, the WARNA1 channel is in GT mode, the
WARNB1 channel is in midrange mode, and the WARNC1
channel is in LT mode.
Comparator in Hysteretic Output Mode
In hysteretic output mode, when the ADC output is greater
than the high threshold level of the comparator, the output is set
high. The output is set low when the ADC output drops below
the low threshold level. The behavior of the comparator in the
hysteretic output mode is shown in Figure 25.
TIME
HIGH THRESHOLD
LEVEL
LOW THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 25. Comparator Behavior in Hysteretic Output Mode
Comparator in Midrange Output Mode
In midrange output mode, when the ADC output is less than
the high threshold level and greater than the low threshold level,
the comparator output is set high. The output is set low when
the ADC output drops below the low threshold level or goes
above the high threshold level. The behavior of the comparator
in the midrange output mode is shown in Figure 26.
TIME
HIGH THRESHOLD
LEVEL
LOW THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 26. Comparator Behavior in Midrange Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com