Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 4Page - Analog Devices ADE1201ACCZ Datasheet HTML 5Page - Analog Devices ADE1201ACCZ Datasheet HTML 6Page - Analog Devices ADE1201ACCZ Datasheet HTML 7Page - Analog Devices ADE1201ACCZ Datasheet HTML 8Page - Analog Devices ADE1201ACCZ Datasheet HTML 9Page - Analog Devices ADE1201ACCZ Datasheet HTML 10Page - Analog Devices ADE1201ACCZ Datasheet HTML 11Page - Analog Devices ADE1201ACCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 8 of 40
REGULATORY INFORMATION
The ADE1201 is pending approval by the organizations listed in Table 8.
Table 8. Approvals
UL
CSA (Pending)
VDE (Pending)
Recognized Under UL 1577 Component
Recognition Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to DIN V VDE V 0884-11
(VDE V 0884-11):2017-12
Single Protection, 3750 V rms Isolation
Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2:
Reinforced insulation, VIORM = 565 V peak,
VIOTM = 8 kV peak, VIMPULSE = 8 kV peak
Basic insulation at 640 V rms (904 V peak)
Reinforced insulation at 320 V rms (452 V peak)
IEC 60601-1 Edition 3.1: 1 means of patient
protection (MOPP), 250 V rms (354 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition
Basic insulation at 300 V rms mains, 640 V rms
(904 V peak)
Reinforced insulation at 300 V rms mains,
320 V secondary (452 V peak)
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each product is proof tested by applying an insulation test voltage of ≥4500 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-11, each product is proof tested by applying an insulation test voltage of ≥1059 V peak for 1 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com