Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 32Page - Analog Devices ADE1201ACCZ Datasheet HTML 33Page - Analog Devices ADE1201ACCZ Datasheet HTML 34Page - Analog Devices ADE1201ACCZ Datasheet HTML 35Page - Analog Devices ADE1201ACCZ Datasheet HTML 36Page - Analog Devices ADE1201ACCZ Datasheet HTML 37Page - Analog Devices ADE1201ACCZ Datasheet HTML 38Page - Analog Devices ADE1201ACCZ Datasheet HTML 39Page - Analog Devices ADE1201ACCZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 39 of 40
PROGRAMMABLE LOAD ENABLE REGISTER
Address: 0x200, Reset: 0x0000, Name: PL_EN
The programmable load enable.
Table 42. Bit Descriptions for PL_EN
Bits
Bit Name
Description
Reset
Access
15
EN2
Programmable Load Channel 1 Enable. The EN1 and EN2 bits must both be set to enable
the programmable load. Disabled after power-on reset.
0x0
R/W
14
EN1
Programmable Load Channel 1 Enable. The EN1 and EN2 bits must both be set to enable
the programmable load. Disabled after power-on reset.
0x0
R/W
[13:4]
RESERVED
Reserved.
0x0
R
[3:0]
RESERVED
Reserved.
0x0
R/W
PGA GAIN REGISTER
Address: 0x201, Reset: 0x0000, Name: PGA_GAIN
Gain value, as shown in Table 43.
Table 43. Bit Descriptions for PGA_GAIN
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
[1:0]
PGA_GAIN
PGA Gain, 2 Bits Decoded to a 4-Bit Thermometer Value. Supports the following four gain values:
0x0
R/W
0: gain equals 1.
1: gain equals 2.
10: gain equals 5.
11: gain equals 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com