Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201ACCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 17Page - Analog Devices ADE1201ACCZ Datasheet HTML 18Page - Analog Devices ADE1201ACCZ Datasheet HTML 19Page - Analog Devices ADE1201ACCZ Datasheet HTML 20Page - Analog Devices ADE1201ACCZ Datasheet HTML 21Page - Analog Devices ADE1201ACCZ Datasheet HTML 22Page - Analog Devices ADE1201ACCZ Datasheet HTML 23Page - Analog Devices ADE1201ACCZ Datasheet HTML 24Page - Analog Devices ADE1201ACCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 21 of 40
The user can select between low idle mode and high idle mode
to determine when the programmable pulse current is activated.
Low Idle Mode
The user can select the ADC input code where the
programmable load pulse current turns on in low idle mode,
where PL_MODE = 0 in the PL_CTRL register. This is the
default mode of operation.
Figure 31 shows the programmable load current behavior in
low idle mode. When the digital input changes from low to
high, the pulsed current is generated after the ADC output
reaches a rising edge threshold set in the RISE_THR bits of the
PL_RISE_THR register, Bits[7:0].
Note that the DOUT1 pin must be low for the programmable
load pulsed current to be generated. To ensure that a pulsed
current is generated, BIN_FILTER_VAL must be ≥3 and
RISE_THR must be <BIN_HI_THR.
High Idle Mode
To enable high idle mode, set the PL_MODE bit to 1 in the
PL_CTRL register so the programmable load pulse current
turns on as soon as the input voltage is sufficient to turn on the
external FET (a few hundred mV). Figure 32 shows the
programmable load current behavior in high idle mode.
Note that the DOUT1 pin must be low for the programmable
load pulsed current to be generated. To ensure that a pulsed
current is generated, BIN_FILTER_VAL must be ≥3.
BIN_HI_THR
LOAD CURRENT OFF
PROGRAMMABLE LOAD CURRENT
DOUT1 PIN VOLTAGE
IN1 PIN VOLTAGE
ADC OUTPUT
RISE_THR
LOAD CURRENT OFF
TIME
TIME
TIME
DELAY DEPENDS ON
BIN_FILTER, BIN_MODE
SETTINGS
DELAY DEPENDS ON
BIN_FILTER, BIN_MODE
SETTINGS
HIGH_TIME
LOW_CODE
CONSTANT CURRENT
HIGH_CODE
PULSED CURRENT
Figure 31. Programmable Load Current Waveform in Low Idle Mode
BIN_HI_THR
LOAD CURRENT OFF
PROGRAMMABLE LOAD CURRENT
DOUT1 PIN VOLTAGE
IN1 PIN VOLTAGE
ADC OUTPUT
LOAD CURRENT OFF
TIME
TIME
TIME
DELAY DEPENDS ON
BIN_FILTER, BIN_MODE
SETTINGS
DELAY DEPENDS ON
BIN_FILTER, BIN_MODE
SETTINGS
HIGH_TIME
LOW_CODE
CONSTANT CURRENT
HIGH_CODE
PULSED CURRENT
Figure 32. Programmable Load Current Waveform in High Idle Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com