Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC804 Datasheet HTML 1Page - NXP Semiconductors LPC804 Datasheet HTML 2Page - NXP Semiconductors LPC804 Datasheet HTML 3Page - NXP Semiconductors LPC804 Datasheet HTML 4Page - NXP Semiconductors LPC804 Datasheet HTML 5Page - NXP Semiconductors LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
3 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Wake-up from deep-sleep and power-down modes on activity on USART, SPI, and
I2C peripherals.
Wake-up from deep power-down mode on multiple pins.
Timer-controlled self wake-up from sleep, deep-sleep, and power-down modes.
Power-On Reset (POR).
Brownout detect (BOD).
Unique device serial number for identification.
Single power supply (1.71 V to 3.6 V).
Operating temperature range -40 °C to +105 °C.
Available in WLCSP20, TSSOP20, TSSOP24, and HVQFN33 packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com