Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 65Page - NXP Semiconductors LPC804 Datasheet HTML 66Page - NXP Semiconductors LPC804 Datasheet HTML 67Page - NXP Semiconductors LPC804 Datasheet HTML 68Page - NXP Semiconductors LPC804 Datasheet HTML 69Page - NXP Semiconductors LPC804 Datasheet HTML 70Page - NXP Semiconductors LPC804 Datasheet HTML 71Page - NXP Semiconductors LPC804 Datasheet HTML 72Page - NXP Semiconductors LPC804 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
69 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
(1) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(2) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDD pins. The 10 μF bypass capacitor
filters the power line. Tie VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(3) Uses the Arm 10-pin interface for SWD.
(4) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also see
Ref. 4.
(5) External pull-up resistors on SWDIO and SWCLK pins are optional because these pins have an internal pull-up enabled by
default.
Fig 34. Power, clock, and debug connections
PIO0_12
ADC_0
VDD
VREFP
PIO0_7/ADC_1/ACMPVREF
LPC804
3.3 V
(4) (ADC_1),
(2) (ACMPVREF)
GND
(1)
(4)
(2)
0.01 μF
0.1 μF
3.3 V
GND
GND
10 μF
0.1 μF
0.1 μF
ISP select pin
aaa-029252
SWDIO/PIO0_2
SWCLK/PIO0_3
RESETN/PIO0_5
VSS
3.3 V
GND
GND
1
3
5
7
9
2
4
6
8
10
n.c.
n.c.
n.c.
SWD connector
(5)
(4)
(5)
3.3 V
~10 kΩ - 100 kΩ
~10 kΩ - 100 kΩ
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com