Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
10 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
7.2 Pin description
Table 4 shows the pin functions that are fixed to specific pins on each package. These
fixed-pin functions are selectable through the switch matrix between GPIO and the
comparator, ADC, SWD, and RESET pins. By default, the GPIO function is selected
except on pins PIO0_2, PIO0_3, and PIO0_5. JTAG functions are available in boundary
scan mode only.
Movable functions for the I2C, USART, SPI, CTimer pins, Capacitive Touch, and other
peripherals can be assigned through the switch matrix to any pin that is not power or
ground in place of the pin’s fixed functions.
The following exceptions apply:
Do not assign more than one output to any pin. However, an output and/or one or more
inputs can be assigned to a pin. Once any function is assigned to a pin, the pin’s GPIO
functionality is disabled.
Eight GPIO pins trigger a wake-up from deep power-down mode. If the part must wake up
from deep power-down mode via an external pin, do not assign any movable function to
this pin. The GPIO pins should be pulled HIGH externally before entering deep
power-down mode. A LOW-going pulse as short as 50 ns causes the chip to exit deep
power-down mode and wakes up the part.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
PIO0_2, PIO0_3, PIO0_12, PIO0_18, and PIO0_20 are the high drive output pins.
PIO0_4, PIO0_8, PIO0_9, PIO0_10, PIO0_11, PIO0_13, PIO0_15, and PIO0_17 are the
WAKEUP pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com