Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
13 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
PIO0_16/ACMP_I4/
ADC_3
22
1
32
E2
[3]
I; PU
IO
PIO0_16 — General-purpose port 0
input/output 16.
ACMP_I4 — Analog comparator common
input 4.
ADC_3 — ADC input 3.
PIO0_17/ADC_9
3
-
2
1
E1
[2]
I; PU
IO
PIO0_17 — General-purpose port 0
input/output 17.
A
ADC_9 — ADC input 9.
PIO0_18
1
1
-
31
-
[3]
I; PU
IO
PIO0_18 — General-purpose port 0
input/output 18.
PIO0_19/DACOUT
24
24
-
26
-
[2]
I; PU
IO
PIO0_19 — General-purpose port 0
input/output 19.
A
DACOUT — DAC output.
PIO0_20
13
13
-
15
-
[3]
I; PU
IO
PIO0_20 — General-purpose port 0
input/output 20.
PIO0_21/ACMP_I5
12
12
-
10
-
[3]
I; PU
IO
PIO0_21 — General-purpose port 0
input/output 21.
ACMP_15 — Analog comparator common
input 5.
PIO0_22
-
-
-
30
-
[3]
I; PU
IO
PIO0_22 — General-purpose port 0
input/output 22.
PIO0_23
-
-
-
29
-
[3]
I; PU
IO
PIO0_23 — General-purpose port 0
input/output 23.
PIO0_24
-
-
-
28
-
[3]
I; PU
IO
PIO0_24 — General-purpose port 0
input/output 24.
PIO0_25
-
-
-
27
-
[3]
I; PU
IO
PIO0_25 — General-purpose port 0
input/output 25.
PIO0_26
-
-
-
14
-
[3]
I; PU
IO
PIO0_26 — General-purpose port 0
input/output 26.
PIO0_27
-
-
-
13
-
[3]
I; PU
IO
PIO0_27 — General-purpose port 0
input/output 27.
PIO0_28
-
-
-
12
-
[3]
I; PU
IO
PIO0_28 — General-purpose port 0
input/output 28.
PIO0_29
-
-
-
11
-
[3]
I; PU
IO
PIO0_29 — General-purpose port 0
input/output 29.
PIO0_30
-
-
-
21
-
[3]
I; PU
IO
PIO0_30 — General-purpose port 0
input/output 30.
VREFP
21
21
18
23
E4
A
VREFP — ADC positive reference voltage.
Must be equal or lower than VDD.
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com