Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 42Page - NXP Semiconductors LPC804 Datasheet HTML 43Page - NXP Semiconductors LPC804 Datasheet HTML 44Page - NXP Semiconductors LPC804 Datasheet HTML 45Page - NXP Semiconductors LPC804 Datasheet HTML 46Page - NXP Semiconductors LPC804 Datasheet HTML 47Page - NXP Semiconductors LPC804 Datasheet HTML 48Page - NXP Semiconductors LPC804 Datasheet HTML 49Page - NXP Semiconductors LPC804 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
46 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
12.2.1 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG.
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code accessing the peripheral is executed. Measured on a typical
sample at Tamb = 25 C.
The supply currents are shown for system clock frequencies of 12 MHz and 15 MHz.
Table 13.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in μA
Notes
System clock frequency =
n/a
12 MHz
15 MHz
FRO
74
-
-
FRO = 12MHz. FRO output disabled.
BOD
39
-
-
Independent of main clock frequency.
Flash
80
-
-
-
LPOsc
1
-
-
FRO; independent of main clock frequency.
GPIO + pin interrupt
-
40
54
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
SWM
-
24
30
-
IOCON
-
28
36
-
CTimer
-
28
37
-
MRT
-
45
56
-
WWDT
-
31
41
-
I2C0
-
44
58
-
I2C1
-
SPI0
-
33
42
-
USART0
-
39
46
-
USART1
-
40
50
-
Comparator ACMP
-
36
46
-
ADC
-
61
78
Digital controller only. Analog portion of the
ADC disabled in the PDRUNCFG register.
-
61
78
Combined analog and digital logic. ADC
enabled in the PDRUNCFG register and
LPWRMODE bit set to 1 in the ADC CTRL
register (ADC in low-power mode).
-
61
78
Combined analog and digital logic. ADC
enabled in the PDRUNCFG register and
LPWRMODE bit set to 0 in the ADC CTRL
register (ADC powered).
DAC
-
29
35
Capacitive Touch
-
22
26
PLU
-
118
149
CRC
-
37
50
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com