Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
11 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description
PIO0_0/ACMP_I1/TDO
22
22
19
24
D3
[2]
I; PU
IO
PIO0_0 — General-purpose port 0
input/output 0.
In ISP mode, this is the U0_RXD pin (for
single supply devices).
In boundary scan mode: TDO (Test Data
Out).
A
ACMP_I1 — Analog comparator input 1.
PIO0_1/ADC_0/ACMP_I2/
TDI/CLKIN
15
15
12
17
A4
[2]
I; PU
IO
PIO0_1 — General-purpose port 0
input/output 1.
In boundary scan mode: TDI (Test Data In).
A
ACMP_I2 — Analog comparator input 2.
I
CLKIN — External clock input.
SWDIO/PIO0_2/
TMS
99
8
7
B2
[3]
I; PU
IO
SWDIO — Serial Wire Debug I/O. SWDIO
is enabled by default on this pin. In
boundary scan mode: TMS (Test Mode
Select).
I/O
PIO0_2 — General-purpose port 0
input/output 2.
SWCLK/PIO0_3/
TCK
88
7
6
B1
[3]
I; PU
I
SWCLK — Serial Wire Clock. SWCLK is
enabled by default on this pin.
In boundary scan mode: TCK (Test Clock).
IO
PIO0_3 — General-purpose port 0
input/output 3.
PIO0_4/ADC_11/
TRSTN
77
6
5
C2
[2]
I; PU
IO
PIO0_4 — General-purpose port 0
input/output 4.
In ISP mode, this pin is the U0_TXD pin (for
single supply devices).
In boundary scan mode: TRST (Test
Reset).
A
ADC_11 — ADC input 11.
RESET/PIO0_5
6
6
5
4
C1
[5]
I; PU
IO
RESET — External reset input: A
LOW-going pulse as short as 50 ns on this
pin resets the device, causing I/O ports and
peripherals to take on their default states,
and processor execution to begin at
address 0.
The RESET pin can be left unconnected or
be used as a GPIO or for any movable
function if an external RESET function is
not needed.
I
PIO0_5 — General-purpose port 0
input/output 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com