Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
12 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
PIO0_7/ADC_1/
ACMPVREF
20
20
17
22
D4
[2]
I; PU
IO
PIO0_7 — General-purpose port 0
input/output 7.
A
ADC_1 — ADC input 1.
ACMPVREF — Alternate reference voltage
for the analog comparator.
PIO0_8/ADC_5
17
17
14
19
C3
[2]
I; PU
IO
PIO0_8 — General-purpose port 0
input/output 8. In ISP mode, this is the
U0_RXD pin (for dual supply devices).
A
ADC_5 — ADC input 5.
PIO0_9/ADC_4
16
16
13
18
B3
[2]
I; PU
IO
PIO0_9 — General-purpose port 0
input/output 9. In ISP mode, this is the
U0_TXD pin (for dual supply devices).
A
ADC_4 — ADC input 4.
PIO0_10/ADC_7
11
11
10
9
A2
[2]
I; PU
I; F
PIO0_10 — General-purpose port 0
input/output 10.
ADC_7 — ADC input 7.
PIO0_11/ADC_6/
WKTCLKIN
10
10
9
8
A1
[2]
I; PU
I; F
PIO0_11 — General-purpose port 0
input/output 11.
ADC_6 — ADC input 6.
WKTCKLKIN — This pin can host an
external clock for the self-wake-up timer. To
use the pin as a self-wake-up timer clock
input, select the external clock in the
wake-up timer CTRL register. The external
clock input is active in sleep, deep-sleep,
and power-down modes.
PIO0_12
5
5
4
3
D1
[3]
I; PU
IO
PIO0_12 — General-purpose port 0
input/output 12. ISP entry pin. A LOW level
on this pin during reset starts the ISP
command handler.
PIO0_13/ADC_10
4
4
3
2
D2
[2]
I; PU
IO
PIO0_13 — General-purpose port 0
input/output 13.
A
ADC_10 — ADC input 10.
PIO0_14/ACMP_3/
ADC_2
23
23
20
25
E3
[2]
I; PU
IO
PIO0_14 — General-purpose port 0
input/output 14.
A
ACMP_I3 — Analog comparator common
input 3.
A
ADC_2 — ADC input 2.
PIO0_15/ADC_8
14
14
11
16
A3
[4]
I; PU
IO
PIO0_15 — General-purpose port 0
input/output 15.
ADC_8 — ADC input 8.
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com