Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 80Page - NXP Semiconductors LPC804 Datasheet HTML 81Page - NXP Semiconductors LPC804 Datasheet HTML 82Page - NXP Semiconductors LPC804 Datasheet HTML 83Page - NXP Semiconductors LPC804 Datasheet HTML 84Page - NXP Semiconductors LPC804 Datasheet HTML 85Page - NXP Semiconductors LPC804 Datasheet HTML 86Page - NXP Semiconductors LPC804 Datasheet HTML 87Page - NXP Semiconductors LPC804 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
84 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Modifications:
• Updated Section 2 “Features and benefits”.
• Updated Table 5 “Movable functions (assign to pins PIO0_0 to PIO0_5, PIO0_7 to
PIO0_30 through switch matrix)”.
• Added level shifter functionality to Section 9.8 “I/O configuration”.
• Updated Table 16 “Dynamic characteristic: FRO”: Changed frequencies to 9 MHz, 12
MHz, and 15 MHz. Added Condition:
20 C  Tamb  70 C and Condition: 40 C 
Tamb  70 C.
LPC804 v.1
20180126
Product data sheet
-
-
Table 35.
Revision history …continued
Document ID
Release date
Data sheet status
Change notice Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com