Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 49Page - NXP Semiconductors LPC804 Datasheet HTML 50Page - NXP Semiconductors LPC804 Datasheet HTML 51Page - NXP Semiconductors LPC804 Datasheet HTML 52Page - NXP Semiconductors LPC804 Datasheet HTML 53Page - NXP Semiconductors LPC804 Datasheet HTML 54Page - NXP Semiconductors LPC804 Datasheet HTML 55Page - NXP Semiconductors LPC804 Datasheet HTML 56Page - NXP Semiconductors LPC804 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
53 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
13.2 FRO
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
13.3 I/O pins
[1]
Applies to standard port pins and RESET pin.
Table 16.
Dynamic characteristic: FRO
Tamb =
−40 °C to +105 °C; 1.7 V ≤ VDD ≤ 3.6 V.
Symbol
Min
Typ[1]
Max
Unit
FRO clock frequency; Condition: 0
°C ≤ Tamb ≤ 70 °C
fosc(RC)
9 -1 %
9
9 +1 %
MHz
fosc(RC)
12 -1 %
12
12 +1 %
MHz
fosc(RC)
15 -1 %
15
15 +1 %
MHz
FRO clock frequency; Condition:
−20 °C ≤ Tamb ≤ 70 °C
fosc(RC)
9 -2 %
9
9 +1 %
MHz
fosc(RC)
12 -2 %
12
12 +1 %
MHz
fosc(RC)
15 -2 %
15
15 +1 %
MHz
FRO clock frequency; Condition:
70 °C ≤ Tamb ≤ 85 °C
fosc(RC)
9 -2 %
9
9 +2 %
MHz
fosc(RC)
12 -2 %
12
12 +2 %
MHz
fosc(RC)
15 -2 %
15
15 +2 %
MHz
FRO clock frequency; Condition:
−40 °C ≤ Tamb ≤ 105 °C
fosc(RC)
9 -3.5 %
9
9 +2.5 %
MHz
fosc(RC)
12 -3.5 %
12
12 +2.5 %
MHz
fosc(RC)
15 -3.5 %
15
15 +2.5 %
MHz
Table 17.
Dynamic characteristic: LPOsc
Tamb =
−40 °C to +105 °C; 1.71 V ≤ VDD ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
LPOsc clock
frequency
-
1 -3%
1
1 +3%
MHz
Table 18.
Dynamic characteristics: I/O pins[1]
Tamb =
−40 °C to +105 °C; 3.0 V ≤ VDD ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as output
3.0
-
5.0
ns
tf
fall time
pin configured as output
2.5
-
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com