Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 2Page - NXP Semiconductors LPC804 Datasheet HTML 3Page - NXP Semiconductors LPC804 Datasheet HTML 4Page - NXP Semiconductors LPC804 Datasheet HTML 5Page - NXP Semiconductors LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors LPC804 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
6 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
– yww: Date code with y = year and ww = week.
– xR = Boot code version and device revision.
The LPC804 TSSOP24 packages have the following top-side marking:
• First line: LPC804
• Second line: xxxx
• Third line: ywwx[R]
– yww: Date code with y = year and ww = week.
– xR = Boot code version and device revision.
• Fourth line: M1y1J
– y: 0 or 1
The LPC804 WLCSP20 packages have the following top-side marking:
• First line: LPC804
• Second line: xxxxx
• Third line: xyywwx[R]
– yyww: Date code with ww = week and yy = year.
– xR = Boot code version and device revision.
• Fourth line: xxx - yyy
Table 3.
Device revision table
Revision identifier (R)
Revision description
1A
Initial device revision with Boot ROM version 13.1
1B
Initial device revision with Boot ROM version 13.1
1C
Initial device revision with Boot ROM version 13.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com