Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices AD4697 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 107
ments of the AD4697/AD4698 simplify the AFE circuit design by
broadening the selection of compatible amplifiers and external
RC filter components. Therefore, analog input high-Z mode helps
remove the requirement of dedicated ADC driver amplifiers per
channel, which significantly reduces system footprint and power
consumption.
The analog input high-Z mode also reduces performance degrada-
tion caused by series resistance between the front-end amplifiers
and the AD4697/AD4698 analog inputs, which allows the resistor in
the external RC filter (shown as REXT in Figure 66 and Figure 112)
to be larger compared to traditional multiplexed SAR ADCs. Using
larger REXT with smaller CEXT alleviates amplifier stability concerns
without significantly impacting distortion performance.
Figure 71 and Figure 72 demonstrate how a lower power, low-
er bandwidth amplifier (ADA4077-1) can achieve the same ac
performance as a lower noise, higher bandwidth ADC driver am-
plifier (ADA4807-1) by utilizing the AD4697/AD4698 analog input
high-Z mode. Figure 71 and Figure 72 show the SNR and THD
performance of the AD4697/AD4698 paired with the ADA4077-1
and ADA4807-1 with various external RC filter components with
analog input high-Z mode disabled and enabled. Figure 73 shows
the circuit configuration used to measure the performance metrics
shown in Figure 71 and Figure 72. The standard sequencer is con-
figured to alternate between two AD4697/AD4698 channels once
per conversion. The channels are driven by antiphase, full-scale,
1 kHz sine waves.
The ADA4807-1 is a low noise, high bandwidth amplifier that is
typically recommended for driving precision SAR ADCs, and the
ADA4077-1 is a high precision, low drift amplifier with a comparably
lower bandwidth. Table 13 shows the –3 dB bandwidth, input
voltage noise, and supply current per amplifier specifications for the
ADA4807-1 and ADA4077-1. When analog input high-Z mode is
disabled, the ADA4077-1 THD performance is degraded because
of its inability to settle the voltage kickback between conversions.
When analog input high-Z mode is enabled, the ADA4077-1 is able
to achieve similar THD performance to the ADA4807-1, despite
having a comparably lower bandwidth. In the example shown in
Figure 73, analog input high-Z mode removes the need for an
ADA4807-1 or equivalent ADC driver amplifier for each of its eight
analog input channels, which reduces the standby current con-
sumption of the system by roughly 8 mA, and drastically reduces
the full solution footprint.
Table 26 provides a list of recommended companion amplifiers and
external RC filter components to pair with the AD4697/AD4698 for
different target sample rates and input signal bandwidths.
Analog input high-Z mode is enabled with the AINHIZ_EN bit in the
CONFIG_INn registers. When the standard sequencer is enabled,
analog input high-Z mode is enabled or disabled for all eight
analog inputs and is set by the AINHIZ_EN bit in the CONFIG_IN0
register. When the advanced sequencer is enabled, or when using
two-cycle command mode or single-cycle command mode, analog
input high-Z mode is enabled or disabled for all eight analog inputs
independently and is set by the AINHIZ_EN bit in the corresponding
CONFIG_INn register for each input. Analog input high-Z mode is
always enabled when sampling the temperature sensor.
Analog input high-Z mode must be enabled when reference input
high-Z mode is enabled. If any analog input channels are config-
ured with analog input high-Z mode disabled, the reference input
high-Z mode must also be disabled.
Table 13. Companion Amplifier Specifications
Amplifier
Input Voltage
Noise
−3 dB
Bandwidth
Supply Current per
Amplifier
ADA4807-1/
3.1 nV/√Hz
180 MHz
1.0 mA
ADA4807-2/
ADA4807-4
ADA4077-1/
6.9 nV/√Hz
5.9 MHz
400 µA
ADA4077-2/
ADA4077-4
Figure 71. SNR vs. External RC Filter Components, Bandwidth for Various
Amplifiers (VREF = 5 V, fIN = 1 kHz)
Figure 72. THD vs. External RC Filter Components, Bandwidth for Various
Amplifiers (VREF = 5 V, fIN = 1 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com