Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4697 Datasheet HTML 14Page - Analog Devices AD4697 Datasheet HTML 15Page - Analog Devices AD4697 Datasheet HTML 16Page - Analog Devices AD4697 Datasheet HTML 17Page - Analog Devices AD4697 Datasheet HTML 18Page - Analog Devices AD4697 Datasheet HTML 19Page - Analog Devices AD4697 Datasheet HTML 20Page - Analog Devices AD4697 Datasheet HTML 21Page - Analog Devices AD4697 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
Data Sheet
AD4697/AD4698
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 18 of 107
Figure 22. SNR, SINAD, and Effective Number of Bits (ENOB) vs. VREF,
fIN = 1 kHz
Figure 23. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
Figure 24. SNR, SINAD vs. Number of Active Clamps,
Reduced Current Mode Disabled
Figure 25. THD and SFDR vs. VREF, fIN = 1 kHz
Figure 26. THD and SFDR vs. Temperature, fIN = 1 kHz
Figure 27. SNR, SINAD vs. Number of Active Clamps, Reduced Current Mode
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com