Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4697 Datasheet HTML 9Page - Analog Devices AD4697 Datasheet HTML 10Page - Analog Devices AD4697 Datasheet HTML 11Page - Analog Devices AD4697 Datasheet HTML 12Page - Analog Devices AD4697 Datasheet HTML 13Page - Analog Devices AD4697 Datasheet HTML 14Page - Analog Devices AD4697 Datasheet HTML 15Page - Analog Devices AD4697 Datasheet HTML 16Page - Analog Devices AD4697 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
Data Sheet
AD4697/AD4698
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 107
Table 7. AD4697/AD4698 LFCSP Pin Function Descriptions
Pin
No.
Mnemonic.
Type1
Description
20
CNV
DI
Convert Input. When the device is configured in conversion mode, a rising edge on CNV initiates a conversion of the selected analog
input. The AD4697/AD4698 can interface to a 4-wire SPI by tying CNV to CS. See the Digital Interface Operation section for more
information.
21
CS
DI
Chip Select Input. When configured in register configuration mode, CS frames SPI read and write transactions that access the
configuration registers. When the device is configured in conversion mode, CS can either be held low throughout the entire
conversion or used to frame SPI transactions that read back conversion results. The AD4697/AD4698 can interface to a 4-wire SPI
by tying CNV to CS. See the Digital Interface Operation section for more information.
22
REFGND
P
Reference Ground. REF is referenced to REFGND. IN0 to IN7 can be paired with REFGND to the ADC core to sample the
differential voltage between them. See the Channel Configuration Options section for a detailed description on pairing inputs.
23
REF
AI
Reference Input. VREF must be provided by an external precision reference voltage between 2.4 V and 5.1 V. The REF pin must be
decoupled with a minimum 1 μF capacitor for optimal operation. See the Voltage Reference Input section for more information.
24
IN0
AI
Analog Input 0.
25
EPAD
NC
Exposed Pad. The exposed pad is not connected internally. For increased reliability of the solder joints, it is recommended that the
pad be soldered to the system ground plane.
1 AI is analog input, P is power, DI is digital input, DO is digital output, and NC is no internal connection.
Figure 3. AD4698 WLCSP Ball Configuration
Table 8. AD4698 WLCSP Ball Function Descriptions
Ball No.
Mnemonic
Type1
Description
A1
SDI
DI
Serial Data Input. When the device is configured in register configuration mode, SDI is used to perform SPI read and write
transactions to access the configuration registers. In conversion mode, SDI receives 5-bit commands from the digital host, as
shown in Table 18.
A2
CS
DI
Chip Select Input. When configured in register configuration mode, CS frames SPI read and write transactions that accesses
the configuration registers. When the device is configured in conversion mode, CS can either be held low throughout the entire
conversion or used to frame SPI transactions that read back conversion results. The AD4697/AD4698 can interface to a 4-wire
SPI by tying CNV to CS. See the Digital Interface Operation section for more information.
A3
REFIN
AI
Internal Reference Buffer Input. The internal reference buffer can be used to buffer the reference voltage source and drive the
REF pin internally. When the internal reference buffer is enabled, REFIN must be driven by an external precision reference
source between 2.4 V and 5.1 V. When not using the internal reference buffer, REFIN must be tied to REF. See the Internal
Reference Buffer section for more information.
A4
NC
NC
No Connect. Leave this pin open or connected to AGND.
A5
NC
NC
No Connect. Leave this pin open or connected to AGND.
A6
NC
NC
No Connect. Leave this pin open or connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com