Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 94 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD4697 Datasheet HTML 90Page - Analog Devices AD4697 Datasheet HTML 91Page - Analog Devices AD4697 Datasheet HTML 92Page - Analog Devices AD4697 Datasheet HTML 93Page - Analog Devices AD4697 Datasheet HTML 94Page - Analog Devices AD4697 Datasheet HTML 95Page - Analog Devices AD4697 Datasheet HTML 96Page - Analog Devices AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 94 of 107
Table 40. Bit Descriptions for SPI_STATUS
Bits
Bit Name
Description
Reset
Access
0
ADDR_INVALID
Invalid Address Error Flag. This bit is set to 1 when an SPI transaction attempts to access a nonexistent register
(a register with an address outside of the specified range of values in Table 31).
0x0
R/W1C
Device Status Register
Address: 0x0014, Reset: 0x20, Name: Status
Table 41. Bit Descriptions for Status
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
COM_CLAMP_FLAG
COM Overvoltage Clamp Flag. This bit indicates if the COM overvoltage protection clamp is active because
of an overvoltage event. This bit is not sticky and is cleared when the COM overvoltage protection clamp is
inactive.
0x0
R
0: COM overvoltage protection clamp inactive.
1: COM overvoltage protection clamp active.
5
RESET_FLAG
Reset Flag. This bit indicates whether a hardware reset or software reset occurred since the last time this bit was
read (see the Device Reset section). This bit is automatically cleared when read.
0x1
R
0: no device reset occurred since this bit was last read.
1: a device reset occurred since this bit was last read.
4
RESERVED
Reserved.
0x0
R
3
TD_ALERT
Threshold Detection Alert Indicator. This bit indicates if any combination of the upper or lower alert indicators for
IN0 to IN7 is asserted. This bit is the logical OR of all HI_INn and LO_INn bits in the ALERT_STATUS1 register
and the ALERT_STATUS2 register. This bit is not sticky.
0x0
R
0: no upper or lower alert indicators asserted.
1: at least one upper or lower alert indicator asserted.
2
SPI_ERROR
General Interface Error Flag. This bit indicates if any of the error flags in the SPI_STATUS register are asserted.
This bit is the bitwise logical OR of all bits in the SPI_STATUS register.
0x0
R
0: no interface error detected.
1: one or more interface errors detected.
1
CLAMP_FLAG
General Overvoltage Protection Clamp Flag. This bit indicates if any IN0 to IN7 overvoltage protection clamps
were activated by an overvoltage event (if any of the INX_CLAMP_FLAG bits are asserted). This bit is sticky and
is only cleared if all INX_CLAMP_FLAG bits are deasserted when the bit is read.
0x0
R
0: all IN0 to IN7 overvoltage clamps are inactive.
1: at least one IN0 to IN7 overvoltage clamps are active.
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com