Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4697 Datasheet HTML 5Page - Analog Devices AD4697 Datasheet HTML 6Page - Analog Devices AD4697 Datasheet HTML 7Page - Analog Devices AD4697 Datasheet HTML 8Page - Analog Devices AD4697 Datasheet HTML 9Page - Analog Devices AD4697 Datasheet HTML 10Page - Analog Devices AD4697 Datasheet HTML 11Page - Analog Devices AD4697 Datasheet HTML 12Page - Analog Devices AD4697 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 107
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fS = 500 kSPS, REFIN = 4.096 V
18.3
22.5
mW
fS = 1 MSPS, REFIN = 4.096 V
34.1
42.6
mW
Autocycle Mode Power Dissipation
LDO_IN = 5 V, internal LDO enabled, autocycle mode
enabled
AC_CYC = 0x0
2.3
mW
AC_CYC = 0x7
0.2
mW
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1 See the Channel Configuration Options section for a detailed description of unipolar mode, pseudobipolar mode, and the channel pin assignment options.
2 IN+ and IN− represent the analog inputs connected to the positive and negative inputs of the AD4697/AD4698 ADC core via the internal multiplexer (see the Multiplexer
section and Channel Configuration Options section).
3 The analog input leakage current specification refers to the input current of the analog input pins during periods when the ADC is not performing conversions and the
analog input voltage is already settled.
4 Offset error and gain error specifications are taken with the offset and gain correction registers set to the default values, which correspond to no offset or gain correction.
See the Offset and Gain Correction section for more information.
5 %FS is the percentage of the ADC full scale (see the Transfer Function section for a definition of full scale).
6 The REFIN pin and internal reference buffer are only available on the WLCSP model of the AD4698 . All specifications and conditions regarding REFIN or the internal
reference buffer are therefore only relevant for WLCSP model.
7 The reference buffer turn-on time specification refers to the amount of time between the reference buffer being enabled and the REF voltage settling to 0.01% accuracy
(see the Internal Reference Buffer section).
8 REXT and CEXT refer to the resistor and capacitor, respectively, that make up the recommended external RC filters at the analog inputs (see the External RC Filter section).
9 For the power supply current and power dissipation specifications where analog input high-Z mode is enabled, analog input high-Z mode is set to be enabled for all
channels. The power consumption scales with the percentage of conversions performed with analog input high-Z mode enabled.
TIMING SPECIFICATIONS
AVDD = 3.15 V to 5.5 V, LDO_IN = 2.4 V to 5.5 V with internal LDO enabled, LDO_IN = AGND with internal LDO disabled, VDD = 1.71 V to
1.89 V with internal LDO disabled, VIO = 1.14 V to 1.98 V, AGND = REFGND = IOGND = 0 V, VREF = 2.4 V to 5.1 V, fS = 1 MSPS for the
AD4698, fS = 500 kSPS for the AD4697, digital output load capacitance = 20 pF, autocycle mode disabled, no active overvoltage protection
clamps, and TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time
tCONVERT
380
415
ns
Acquisition Time
tACQ
Two-Cycle Command Mode, Standard Sequencer, or Advanced Sequencer Enabled
fS = 1 MSPS
715
ns
fS = 500 kSPS
1715
ns
Single-Cycle Command Mode2 Enabled
CNV Period (Time Between Conversions)
tCYC
fS = 1 MSPS, Autocycle Mode Disabled
1000
ns
fS = 500 kSPS, Autocycle Mode Disabled
2000
ns
Autocycle Mode Enabled
AC_CYC = 0x0
8.5
10
11.5
μs
AC_CYC = 0x1
17
20
23
μs
AC_CYC = 0x2
34
40
46
μs
AC_CYC = 0x3
68
80
92
μs
AC_CYC = 0x4
85
100
115
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com