Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4697 Datasheet HTML 25Page - Analog Devices AD4697 Datasheet HTML 26Page - Analog Devices AD4697 Datasheet HTML 27Page - Analog Devices AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 107
Table 9. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 1
Description
Input Voltage in
Unipolar Mode
Digital Output Code (Straight
Binary)
Input Voltage in Pseudobipolar
Mode
Digital Output Code (Twos Complement)
FSR − 1 LSB
4.999924 V
0xFFFF
+2.499924 V
0x7FFF
Midscale + 1 LSB
2.500076 V
0x8001
+76.3 µV
0x0001
Midscale
2.5 V
0x8000
0 V
0x0000
Midscale − 1 LSB
2.499924 V
0x7FFF
−76.3 µV
0xFFFF
−FSR + 1 LSB
76.3 µV
0x0001
−2.499924 V
0x8001
−FSR
0 V
0x0000
−2.5 V
0x8000
Table 10. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 4
Description
Input Voltage in Unipolar
Mode
Digital Output Code (Straight
Binary)
Input Voltage in Pseudobipolar
Mode
Digital Output Code (Twos Complement)
FSR − 1 LSB
4.999962 V
0x1FFFF
+2.499962 V
0x0FFFF
Midscale + 1 LSB
2.500038 V
0x10001
+38.1 µV
0x00001
Midscale
2.5 V
0x10000
0 V
0x00000
Midscale − 1 LSB
2.499962 V
0x0FFFF
−38.1 µV
0x1FFFF
−FSR + 1 LSB
38.1 µV
0x00001
−2.499962 V
0x10001
−FSR
0 V
0x00000
−2.5 V
0x10000
Table 11. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 16
Description
Input Voltage in Unipolar
Mode
Digital Output Code (Straight
Binary)
Input Voltage in Pseudobipolar
Mode
Digital Output Code (Twos Complement)
FSR − 1 LSB
4.999981 V
0x3FFFF
+2.499981 V
0x1FFFF
Midscale + 1 LSB
2.500019 V
0x20001
+19.1 µV
0x00001
Midscale
2.5 V
0x20000
0 V
0x00000
Midscale − 1 LSB
2.499981 V
0x1FFFF
−19.1 µV
0x3FFFF
−FSR + 1 LSB
19.1 µV
0x00001
−2.499981 V
0x20001
−FSR
0 V
0x000004
−2.5 V
0x20000
Table 12. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 64
Description
Input Voltage in Unipolar
Mode
Digital Output Code (Straight
Binary)
Input Voltage in Pseudobipolar
Mode
Digital Output Code (Twos Complement)
FSR − 1 LSB
4.999910 V
0x7FFFF
+2.499990 V
0x3FFFF
Midscale + 1 LSB
2.500010 V
0x40001
+9.54 µV
0x00001
Midscale
2.5 V
0x40000
0 V
0x00000
Midscale − 1 LSB
2.499990 V
0x3FFFF
−9.54 µV
0x7FFFF
−FSR + 1 LSB
9.54 µV
0x00001
−2.499990 V
0x40001
−FSR
0 V
0x000004
−2.5 V
0x40000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com