Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4697 Datasheet HTML 26Page - Analog Devices AD4697 Datasheet HTML 27Page - Analog Devices AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 107
ANALOG INPUTS
Figure 66 shows an equivalent circuit of the AD4697/AD4698 ana-
log inputs (IN0 to IN7 and COM).
Figure 66. Equivalent Analog Input Circuit
A low crosstalk analog multiplexer routes the signals from the
analog input pins to the ADC core inputs. The impedance of the
analog inputs is modeled as the parallel combination of the pin ca-
pacitance (CPIN) and the network formed by the series connection
of RIN and CDAC. RIN represents the ADC input series resistance
and the multiplexer switch resistance and is typically 240 Ω. CDAC
represents the ADC sampling capacitive DAC shown in Figure 63
and is typically 60 pF.
Each analog input has a unique overvoltage protection clamp
circuit, represented by OV CLAMP in Figure 66. The clamps protect
the analog inputs from dc overvoltage conditions and eliminate
the need for additional external protection diodes. See the Input
Overvoltage Protection Clamps section for a detailed description of
the overvoltage protection clamps.
REXT and CEXT in Figure 66 represent an external, RC low-pass
filter, which is included in the system design to limit the bandwidth
of the input signal. REXT can also be used to improve overvoltage
protection of the analog inputs. See the External RC Filter section
for detailed descriptions of the REXT and CEXT functions.
Multiplexer
The AD4697/AD4698 contain a flexible, low crosstalk analog mul-
tiplexer for selecting from the eight analog inputs and internal
temperature sensor and routing them to the inputs of the 16-bit,
pseudo differential SAR, ADC core. Figure 67 shows a simplified
schematic of the internal multiplexer. The SWMUX+ and SWMUX−
switches shown in Figure 63 and Figure 67 represent the multiplex-
er switches that route the selected channel to the ADC inputs
(labeled ADCIN+ and ADCIN− in Figure 63). SWMUX+ and SWMUX−
are break-before-make and are controlled by the internal channel
sequencing logic (see the Channel Sequencing Modes section).
The multiplexer allows flexible analog input channel configuration.
The SWMUX− position is user programmable and can be assigned to
any of the pins shown in Figure 67 (see the Channel Configuration
Options section).
Figure 67. Multiplexer Simplified Schematic
Channel Configuration Options
The AD4697/AD4698 feature several channel configuration options
that allow the device to interface with a variety of signals. The
channel configuration can be independently programmed for each
of the eight analog inputs (IN0 through IN7).
The channel configuration settings include pin pairing assignments
and signal polarity modes. The pin pairing options assign the
position of SWMUX− for each position of SWMUX+ and determine
which signal is routed to the negative side of the SAR ADC core
(ADCIN− in Figure 63). The signal polarity modes configure the
ADCIN− voltage range. Figure 68 shows the pin pairing and voltage
ranges for the different channel configuration options.
The pin pairing assignment options include the following:
►
Figure 68, IN0 to IN7 paired with REFGND
►
Figure 69, IN0 to IN7 paired with COM
►
Figure 70, even numbered input paired with the next highest odd
numbered input (for example, IN0 with IN1, IN2 with IN3, and so
on).
The two signal polarity modes are called unipolar mode and pseu-
dobipolar mode. When a channel is in unipolar mode, the signal
routed to ADCIN− is nominally 0 V (relative to REFGND). When
a channel is in pseudobipolar mode, the signal routed to ADCIN−
is nominally VREF/2 V (relative to REFGND). The valid operating
input voltage specification for unipolar and pseudobipolar modes
are shown in Table 1.
When an input is configured in unipolar mode, its output codes are
in straight binary format. When an input is configured in pseudobi-
polar mode, its output codes are in twos complement format. See
the Transfer Function section for an example of the output code
formatting for both unipolar and pseudobipolar modes.
The pin pairing assignments are selected with the IN_PAIR bit
field in the CONFIG_INn registers. The signal polarity modes are
selected with the IN_MODE bit in the CONFIG_INn registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com