Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4697 Datasheet HTML 17Page - Analog Devices AD4697 Datasheet HTML 18Page - Analog Devices AD4697 Datasheet HTML 19Page - Analog Devices AD4697 Datasheet HTML 20Page - Analog Devices AD4697 Datasheet HTML 21Page - Analog Devices AD4697 Datasheet HTML 22Page - Analog Devices AD4697 Datasheet HTML 23Page - Analog Devices AD4697 Datasheet HTML 24Page - Analog Devices AD4697 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
Data Sheet
AD4697/AD4698
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 107
Figure 40. REF Input Current vs. Sample Rate, VREF = 5 V
Figure 41. REF Input Current vs. Reference Voltage,
fS = 1 MSPS and 500 kSPS
Figure 42. REF Input Current vs. Temperature, VREF = 5 V,
Frequency of CNV Signal (fCNV) = 1 MSPS
Figure 43. Additional Reference Input Current vs. Number of Active Clamps,
Clamp Current = 5 mA, VREF = 5 V
Figure 44. VREF vs. Time for Various Reference Buffer Boost Mode Settings
and CREF
Figure 45. LDO_IN, VDD Voltage vs. Time and VDD Decoupling Capacitance
(CVDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com