Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 87 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices AD4697 Datasheet HTML 88Page - Analog Devices AD4697 Datasheet HTML 89Page - Analog Devices AD4697 Datasheet HTML 90Page - Analog Devices AD4697 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 87 of 107
Implementing Two Effective Channel Sample
Rates
In multichannel data acquisition systems, the ADC may be moni-
toring a mix of higher frequency and lower frequency or dc type
signals. Channels with higher maximum input frequencies require
higher Nyquist frequencies, and therefore require higher effective
sample rates than channels with lower maximum input frequencies.
To maximize the effective sample rate for analog input channels
with higher frequency input signals, the channel sequence can be
designed to implement two different effective sample rates.
In a custom channel sequence that implements two effective
sample rates, each of the AD4697/AD4698 channels included in
the sequence are categorized as either high sample rate (HSR)
channels or low sample rate (LSR) channels. Figure 127 shows
a generalized channel sequence implementing HSR and LSR chan-
nels.
Figure 127. Sequence of HSR and LSR Inputs with Two Effective Sample
Rates
The full channel sequence in Figure 127 consists of a repeating sub
sequence of all HSR channels, followed by one LSR channel. The
sub sequences repeat until all LSR channels are sampled once,
and then the entire sequence starts again. As a result, the LSR
channels are sampled only once per sequence iteration, whereas
the HSR channels are sampled once for each LSR channel in the
sequence.
The number of HSR channels (NHSR) and the number of LSR
channels (NLSR) dictate their effective sample rates, as well as
the number of sequence positions required to implement the two
sample rates. The number of sequence positions required (NS)
follows the relation:
NS=NLSR× NHSR+1
(26)
where:
NHSR is the number of HSR inputs.
NLSR is the number of LSR inputs.
When the advanced sequencer is enabled, the maximum value of
NS is limited by the number of AS_SLOTn registers. When two-cy-
cle command mode or single-cycle command mode is enabled, NS
can be arbitrarily large.
Because the LSR channels are only sampled once per full se-
quence iteration, their effective sample rate (fS_LSR) is the sample
rate of the ADC core (set by fCNV) divided by NS as follows:
fS_LSR=fCNVNS
(27)
Because the HSR inputs are sampled once for each LSR input in
the sequence, the effective sample rate for the HSR inputs (fS_HSR)
is as follows:
fS_HSR=fCNV×NLSRNS
(28)
Table 30 shows an example where IN0, IN1, and IN2 are HSR
channels, and IN3, IN4, and the temperature sensor are LSR
channels.
Table 30. Sequence with Two Effective Channel Sample Rates
Sequence
Position
Input
Effective Sample Rate of Input
0
IN0
fCNV/4
1
IN1
fCNV/4
2
IN2
fCNV/4
3
IN3
fCNV/12
4
IN0
fCNV/4
5
IN1
fCNV/4
6
IN2
fCNV/4
7
IN4
fCNV/12
8
IN0
fCNV/4
9
IN1
fCNV/4
10
IN2
fCNV/4
11
Temperature sensor
fCNV/12
Note that implementing the sequence in Table 30 with the advanced
sequencer requires the following configuration settings:
►
STD_SEQ_EN = 0
►
NUM_SLOTS_AS = 10
►
TEMP_EN = 1
The first 11 advanced sequencer slots (AS_SLOT0 to AS_SLOT10)
are also programmed with the analog inputs listed in Table 30
because the temperature sensor is enabled via the TEMP_EN bit
instead of via the advanced sequencer slots.
Note that when using the advanced sequencer, the temperature
sensor cannot be assigned as an HSR channel because it cannot
be assigned with the AS_SLOTn registers. However, the tempera-
ture sensor can be included as an LSR channel by enabling it via
the TEMP_EN bit in the TEMP_CTRL register, as demonstrated in
Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com