Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4697 Datasheet HTML 45Page - Analog Devices AD4697 Datasheet HTML 46Page - Analog Devices AD4697 Datasheet HTML 47Page - Analog Devices AD4697 Datasheet HTML 48Page - Analog Devices AD4697 Datasheet HTML 49Page - Analog Devices AD4697 Datasheet HTML 50Page - Analog Devices AD4697 Datasheet HTML 51Page - Analog Devices AD4697 Datasheet HTML 52Page - Analog Devices AD4697 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 49 of 107
Figure 89. Single Instruction Mode SPI Frame
Figure 90. Single Instruction Mode SPI Frame, MB_STRICT = 0
Figure 91. Single Instruction Mode SPI Frame, MB_STRICT = 1, Descending Address
Figure 92. Single Instruction Mode SPI Frame, MB_STRICT = 1, Ascending Address
Checksum Protection
The AD4697/AD4698 include optional error checking based on
an 8-bit CRC in register configuration mode. When the CRC is
enabled, an 8-bit checksum code is appended to the data phase of
each register read or write transaction. The value of the checksum
is calculated from the data read or written over the SPI, and
therefore allows the AD4697/AD4698 and the digital host to detect
corrupted data. If the checksum does not match the corresponding
register data, the register read or write is considered invalid.
Figure 84 shows a generalized SPI frame for performing register
reads and writes with streaming mode selected, including the CRC
checksum. Figure 89 shows a generalized SPI frame for performing
register reads and writes with single instruction mode selected,
including the CRC checksum. Note that the checksums on SDI
shown in both Figure 84 and Figure 89 are sent from the digital
host to the AD4697/AD4698, and the digital host must send a
valid checksum during the SPI read and write transactions pictured.
The only exception is when performing multiple register reads with
streaming mode selected, where the digital host is only required to
send a CRC on SDI for the first transaction (see Figure 84).
When the AD4697/AD4698 receive a checksum that does not
match their corresponding SPI transaction, the transaction is con-
sidered invalid, and the CRC_ERROR bit in the SPI_STATUS
register is set to 1. The CRC_ERROR bit is a write 1 to clear bit
(R/W1C) and must be written to 1 to be cleared.
When a write transaction is considered invalid, register contents
are not updated. When a read transaction is considered invalid, the
digital host must ignore the received register data and attempt the
register read transaction again. Read to clear bits are only cleared
when the register read transaction is considered valid (for example,
the HI_INn and LO_INn bits in the ALERT_STATUSn registers).
When streaming mode and the CRC are both enabled and an inva-
lid checksum is received for a given SPI transaction, all subsequent
SPI transactions are considered invalid for the remainder of the SPI
frame (until CS is brought high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com